Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T80C5112-RKFIL Datasheet(PDF) 16 Page - ATMEL Corporation

Part # T80C5112-RKFIL
Description  8-bit Microcontroller with A/D converter
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T80C5112-RKFIL Datasheet(HTML) 16 Page - ATMEL Corporation

Back Button T80C5112-RKFIL Datasheet HTML 12Page - ATMEL Corporation T80C5112-RKFIL Datasheet HTML 13Page - ATMEL Corporation T80C5112-RKFIL Datasheet HTML 14Page - ATMEL Corporation T80C5112-RKFIL Datasheet HTML 15Page - ATMEL Corporation T80C5112-RKFIL Datasheet HTML 16Page - ATMEL Corporation T80C5112-RKFIL Datasheet HTML 17Page - ATMEL Corporation T80C5112-RKFIL Datasheet HTML 18Page - ATMEL Corporation T80C5112-RKFIL Datasheet HTML 19Page - ATMEL Corporation T80C5112-RKFIL Datasheet HTML 20Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 97 page
background image
16
Rev. B - November 10, 2000
Preliminary
T80C5112
Figure 3. Reset sources
Notes: RST pin available only on 48 and 52 pins versions.
Notes: RST pin available only on LPC versions.
7.3. Power-On Reset
The T80C5112 has a power on reset (POR) module which reset the chip during the initial power raise. The internal
power on reset pulse duration is 24 clock periods of the CPU clock. The chip can also be reseted by the P3.6/
RST/Vpp pin provided the EXT_RST bit of the configuration byte is high.
This module set the POF bit vhen Vcc is below the memory data retention voltage.
The behavior or POR and PFD is shown on Figure 4.
7.4. Power-Fail Detector
The Power-Fail Detector (PFD) is controlled by RSTD bit in PCON register. The PFD is disabled upon reset.
When enabled, the power supply is continuously monitored and an internal reset is generated(1) if VDD goes
below VRST for at least 60 ns.
If the power supply rises again over VRST+(
2), the internal reset completes after 24 CPU clock periods.
If RSTD is reset, the power supply monitoring is disabled.
RST_EXT
Reset
RST pin*
CONF
CPU Clock
+24 Ck
Hardware WD
POR
PCA WD
RST pin*
PFD
EN
Fail
5V
RSTD
PCON
POF
PCON
set



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com