Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T80C5112-RKFIL Datasheet(PDF) 3 Page - ATMEL Corporation

Part # T80C5112-RKFIL
Description  8-bit Microcontroller with A/D converter
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T80C5112-RKFIL Datasheet(HTML) 3 Page - ATMEL Corporation

  T80C5112-RKFIL Datasheet HTML 1Page - ATMEL Corporation T80C5112-RKFIL Datasheet HTML 2Page - ATMEL Corporation T80C5112-RKFIL Datasheet HTML 3Page - ATMEL Corporation T80C5112-RKFIL Datasheet HTML 4Page - ATMEL Corporation T80C5112-RKFIL Datasheet HTML 5Page - ATMEL Corporation T80C5112-RKFIL Datasheet HTML 6Page - ATMEL Corporation T80C5112-RKFIL Datasheet HTML 7Page - ATMEL Corporation T80C5112-RKFIL Datasheet HTML 8Page - ATMEL Corporation T80C5112-RKFIL Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 97 page
background image
Rev. B - November 10, 2000
3
Preliminary
T80C5112
4. alias SFR Mapping
The Special Function Registers (SFRs) of the T80C5112 belongs to the following categories:
·
C51 core registers: ACC, B, DPH, DPL, PSW, SP, AUXR, AUXR1
·
I/O port registers: P0, P1, P2, P3, P4, P1M1, P1M2, P3M1, P3M2, P4M1, P4M2
·
Timer registers: TCON, TH0, TH1, TMOD, TL0, TL1
·
Serial I/O port registers: SADDR, SADEN, SBUF, SCON, BRL, BDRCON
·
Power and clock control registers: CKCON0, CKCON1, OSCCON, CKSEL, PCON, CKRL
·
Interrupt system registers: IE, IE1, IPL0, IPL1, IPH0, IPH1
·
WatchDog Timer: WDTRST, WDTPRG
·
SPI: SPCON, SPSTA, SPDAT
·
PCA: CCAP0L, CCAP1L, CCAP2L, CCAP3L, CCAP4L, CCAP0H, CCAP1H, CCAP2H, CCAP3H,
CCAP4H, CCAPM0, CCAPM1, CCAPM2, CCAPM3, CCAPM4, CL, CH, CMOD, CCON
·
ADC: ADCCON, ADCCLK, ADCDATH, ADCDATL, ADCF
Table 1. SFR Addresses and Reset Values
Notes: "C", value defined by the configuration byte, see Section ÒConfiguration byteÓ, page 11
0/8
1/9
2/A
3/B
4/C
5/D
6/E
7/F
F8h
CH
0000 0000
CCAP0H
XXXX XXXX
CCAP1H
XXXX XXXX
CCAP2H
XXXX XXXX
CCAP3H
XXXX XXXX
CCAP4H
XXXX XXXX
FFh
F0h
B
0000 0000
ADCLK
0000 0000
ADCON
0000 0000
ADDL
XXXXXX00
ADDH
0000 0000
ADCF
0000 0000
F7h
E8h
CL
0000 0000
CCAP0L
XXXX XXXX
CCAP1L
XXXX XXXX
CCAP2L
XXXX XXXX
CCAP3L
XXXX XXXX
CCAP4L
XXXX XXXX
CONF
1111 111X
EFh
E0h
ACC
0000 0000
P1M2
0000 0000
P3M2
0000 0000
P4M2
0000 0000
E7h
D8h
CCON
00X0 0000
CMOD
X000 0000
CCAPM0
00XX X000
CCAPM1
X000 0000
CCAPM2
X000 0000
CCAPM3
X000 0000
CCAPM4
X000 0000
DFh
D0h
PSW
0000 0000
P1M1
0000 0000
P3M1
0000 0000
P4M1
0000 0000
D7h
C8h
CFh
C0h
P4
1111 1111
SPCON
0001 0100
SPSTA
XXXXXXXX
SPDAT
XXXX XXXX
C7h
B8h
IPL0
0000 0000
SADEN
0000 0000
BFh
B0h
P3
1111 1111
IE1
0000 0000
IPL1
0000 0000
IPH1
0000 0000
IPH0
X000 0000
B7h
A8h
IE0
0000 0000
SADDR
0000 0000
CKCON1
XXXX XXX0
AFh
A0h
P2
1111 1111
AUXR1
XXXXXXX0
WDRST
0000 0000
WDTPRG
0000 0000
A7h
98h
SCON
0000 0000
SBUF
XXXX XXXX
BRL
0000 0000
BDRCON
0000 0000
9Fh
90h
P1
1111 1111
CKRL
1111 1111
97h
88h
TCON
0000 0000
TMOD
0000 0000
TL0
0000 0000
TL1
0000 0000
TH0
0000 0000
TH1
0000 0000
AUXR
XXXXXXX0
CKCON0
X000X000
8Fh
80h
P0
1111 1111
SP
0000 0111
DPL
0000 0000
DPH
0000 0000
CKSEL
XXXX XXXC
OSCCON
XXXX XXCC
PCON
00X1 0000
87h
0/8
1/9
2/A
3/B
4/C
5/D
6/E
7/F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com