Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T80C5112-RKFIL Datasheet(PDF) 32 Page - ATMEL Corporation

Part # T80C5112-RKFIL
Description  8-bit Microcontroller with A/D converter
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T80C5112-RKFIL Datasheet(HTML) 32 Page - ATMEL Corporation

Back Button T80C5112-RKFIL Datasheet HTML 28Page - ATMEL Corporation T80C5112-RKFIL Datasheet HTML 29Page - ATMEL Corporation T80C5112-RKFIL Datasheet HTML 30Page - ATMEL Corporation T80C5112-RKFIL Datasheet HTML 31Page - ATMEL Corporation T80C5112-RKFIL Datasheet HTML 32Page - ATMEL Corporation T80C5112-RKFIL Datasheet HTML 33Page - ATMEL Corporation T80C5112-RKFIL Datasheet HTML 34Page - ATMEL Corporation T80C5112-RKFIL Datasheet HTML 35Page - ATMEL Corporation T80C5112-RKFIL Datasheet HTML 36Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 97 page
background image
32
Rev. B - November 10, 2000
Preliminary
T80C5112
Figure 12. UART Timings in Modes 2 and 3
11.2. Automatic Address Recognition
The automatic address recognition feature is enabled for each UART when the multiprocessor communication
feature is enabled (SM2 bit in SCON register is set).
Implemented in hardware, automatic address recognition enhances the multiprocessor communication feature by
allowing the serial port to examine the address of each incoming command frame. Only when the serial port
recognizes its own address, the receiver sets RI bit in SCON register to generate an interrupt. This ensures that
the CPU is not interrupted by command frames addressed to other devices.
If desired, you may enable the automatic address recognition feature in mode 1. In this configuration, the stop bit
takes the place of the ninth data bit. Bit RI is set only when the received command frame address matches the
deviceÕs address and is terminated by a valid stop bit.
To support automatic address recognition, a device is identified by a given address and a broadcast address.
NOTE: The multiprocessor communication and automatic address recognition features cannot be enabled in mode 0 (i.e. setting SM2 bit in SCON
register in mode 0 has no effect).
11.2.1. Given Address
Each UART has an individual address that is specified in SADDR register; the SADEN register is a mask byte
that contains donÕt-care bits (defined by zeros) to form the deviceÕs given address. The donÕt-care bits provide the
flexibility to address one or more slaves at a time. The following example illustrates how a given address is formed.
To address a device by its individual address, the SADEN mask byte must be 1111
1111b
.
For example:
SADDR
0101 0110b
SADEN
1111 1100b
Given
0101 01XXb
The following is an example of how to use given addresses to address different slaves:
Slave A:
SADDR
1111 0001b
SADEN
1111 1010b
Given
1111 0X0Xb
Slave B:
SADDR
1111 0011b
SADEN
1111 1001b
Given
1111 0XX1b
Slave C:
SADDR
1111 0010b
SADEN
1111 1101b
Given
1111 00X1b
RI
SMOD0=0
Data byte
Ninth
bit
Stop
bit
Start
bit
RXD
D8
D7
D6
D5
D4
D3
D2
D1
D0
RI
SMOD0=1
FE
SMOD0=1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com