Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STE2002DIE1 Datasheet(PDF) 17 Page - STMicroelectronics

Part # STE2002DIE1
Description  81 X 128 SINGLE CHIP LCD CONTROLLER / DRIVER
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE2002DIE1 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STE2002DIE1 Datasheet HTML 13Page - STMicroelectronics STE2002DIE1 Datasheet HTML 14Page - STMicroelectronics STE2002DIE1 Datasheet HTML 15Page - STMicroelectronics STE2002DIE1 Datasheet HTML 16Page - STMicroelectronics STE2002DIE1 Datasheet HTML 17Page - STMicroelectronics STE2002DIE1 Datasheet HTML 18Page - STMicroelectronics STE2002DIE1 Datasheet HTML 19Page - STMicroelectronics STE2002DIE1 Datasheet HTML 20Page - STMicroelectronics STE2002DIE1 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 51 page
background image
17/51
STE2002
Figure 28. Row Drivers vs. LCD Panel Interconnection in MUX33 Mode
Instruction Set
Two different instructions formats are provided:
- With D/C set to LOW
commands are sent to the Control circuitry.
- With D/C set to HIGH
the Data RAM is addressed.
Two different instruction set are embedded: the STE2001-like instruction set and the extended instruction
set. To select the STE2001-like instruction set the EXT pad has to be connected to a logic LOW (connect
to VSS). To select the extended instruction the EXT pad has to be connected to a logic HIGH (connect to
VDD1).
The instructions have the syntax summarized in Table 1 (basic-set) and Table 2 (extended set)
Reset (RES)
At power-on, all internal registers are configured with the default value. The RAM content is not defined.
A Reset pulse on RES pad (active low) re-initialize the internal registers content (see Tables 3,4,5,&6).
Applying a reset pulse, every on-going communication with the host controller is interrupted. After the
power-on, the Software Reset instruction can be used to re-load the reset configuration into the internal
registers
The Default configurations is: .
A MEMORY BLANK instruction can be executed to clear the RAM content.
33x128
MUX 33Mode
COLUMN DRIVERS
ROW DRIVERS
ROW DRIVERS
R43
R42
R41
R45
R44
R40
R46
R47
R51
R50
R49
R53
R52
R48
R54
R55
R59
R58
R57
R61
R60
R56
R62
R63
R64
R 2
R 1
R 0
R 4
R 3
ICON
R 5
R 6
R10
R 9
R 8
R12
R11
R 7
R13
R14
R18
R17
R16
R20
R19
R15
R21
R22
R26
R25
R24
R28
R27
R23
R29
R30
R31
STE2002
R34
R33
R32
R68
R67
R66
R70
R69
R65
R71
R72
R73
R74
R75
LR0106
ICON
- Horizontal addressing (V = 0)
- Normal instruction set (H[1:0] = 0)
- Normal display (MX = MY = 0)
- Display blank (E = D = 0)
- Address counter X[6: 0] = 0 and Y[4: 0] = 0
- Temperature coefficient (TC[1: 0] = 0)
- Bias system (BS[2: 0] = 0)
- Multiplexing Ratio (M[1:0]=0)
- Frame Rate (FR[1:0]=”75Hz”)
- Power Down (PD = 1)
- Dual Partial Display Disabled (PE=0)
- VOP=0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com