Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STE2002DIE1 Datasheet(PDF) 39 Page - STMicroelectronics

Part # STE2002DIE1
Description  81 X 128 SINGLE CHIP LCD CONTROLLER / DRIVER
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE2002DIE1 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button STE2002DIE1 Datasheet HTML 35Page - STMicroelectronics STE2002DIE1 Datasheet HTML 36Page - STMicroelectronics STE2002DIE1 Datasheet HTML 37Page - STMicroelectronics STE2002DIE1 Datasheet HTML 38Page - STMicroelectronics STE2002DIE1 Datasheet HTML 39Page - STMicroelectronics STE2002DIE1 Datasheet HTML 40Page - STMicroelectronics STE2002DIE1 Datasheet HTML 41Page - STMicroelectronics STE2002DIE1 Datasheet HTML 42Page - STMicroelectronics STE2002DIE1 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 51 page
background image
39/51
STE2002
Notes: 1. The maximum possible VLCD voltage that can be generated is dependent on voltage, temperature and (display) load.
2. Internal clock
3. When fsclk = 0 there is no interface clock.
4. Power-down mode. During power-down all static currents are switched-off.
5. f external VLCD, the display load current is not transmitted to IDD
6. Tolerance depends on the temperature; (typically zero at Tamb = 27°C), maximum tolerance values are measured at the temper-
ature range limit.
7. For TC0 to TC7
8. Data Byte Writing Mode
9.VDD1 ≤ VDD2
Logic Inputs
VIL
Logic LOW voltage level
VSS
0.3VDD1
V
VIH
Logic HIGH Voltage Level
0.7VDD1
VDD2
V
Iin
Input Current
Vin = VSS1 or VDD1
-1
1
µA
Logic Inputs/Outputs
VIL
Logic LOW voltage level
VSS
0.3VDD1
V
VIH
Logic HIGH Voltage Level
0.7VDD1
VDD1
+0.5V
V
Column and Row Driver
Rrow
ROW Output Resistance
VLCD = 10V;
3K
5K
kohm
Rcol
Column Output resistance
VLCD = 10V;
5K
10K
kohm
Vcol
Column Bias voltage accuracy
No load
-50
+50
mV
Vrow
Row Bias voltage accuracy
-50
+50
mV
LCD Supply Voltage
VLCD
LCD Supply Voltage accuracy;
Internally generated
VDD = 2.8V; VLCD = 10V; fsclk=0;
Tamb=25°C;
no display load; note 2, 3, 6 & 7;
VOP = 61h, PRS = 2hex
-1.5
1.5
%
TC0
Temperature coefficient
-0.0·10-3
1/°C
TC1
-0.35·10-3
1/°C
TC2
-0.7·10-3
1/°C
TC3
-1.05·10-3
1/°C
TC4
-1.4 ·10-3
1/°C
TC5
-1.75·10-3
1/°C
TC6
-2.1·10-3
1/°C
TC7
-2.3·10-3
1/°C
ELECTRICAL CHARACTERISTICS (continued)
DC OPERATION
(VDD1 = 1.7 to 3.6 V; VDD2 = 1.75 to 4.2V; Vss1,2 = 0V; VLCD = 4.5 to 11 V; Tamb =-40 to 85°C; unless otherwise specified)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com