Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STE2002DIE1 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STE2002DIE1
Description  81 X 128 SINGLE CHIP LCD CONTROLLER / DRIVER
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE2002DIE1 Datasheet(HTML) 2 Page - STMicroelectronics

  STE2002DIE1 Datasheet HTML 1Page - STMicroelectronics STE2002DIE1 Datasheet HTML 2Page - STMicroelectronics STE2002DIE1 Datasheet HTML 3Page - STMicroelectronics STE2002DIE1 Datasheet HTML 4Page - STMicroelectronics STE2002DIE1 Datasheet HTML 5Page - STMicroelectronics STE2002DIE1 Datasheet HTML 6Page - STMicroelectronics STE2002DIE1 Datasheet HTML 7Page - STMicroelectronics STE2002DIE1 Datasheet HTML 8Page - STMicroelectronics STE2002DIE1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 51 page
background image
STE2002
2/51
PIN DESCRIPTION
N°
Pad
Type
Function
R0 to R80
129-169
282-322
O
LCD Row Driver Output
ICON
323
O
ICON Row Driver
C0 to C127
1-128
O
LCD Column Driver Output
VSS
236-255
GND
Ground pads.
VDD1
188-199
Supply
IC Positive Power Supply
VDD2
200-211
Supply
Internal Generator Supply Voltages.
VLCDIN
261-270
Supply
LCD Supply Voltages for the Column and Row Output Drivers.
VLCDOUT
273-282
Supply
Voltage Multiplier Output
VLCDSENSE
271-272
Supply
Voltage Multiplier Regulation Input. VLCDOUT Sensing for Output Voltage Fine
Tuning
VSSAUX
180, 231,
218
O
Ground Reference for Selection Pins Configuration
SEL1,2
184,185
I
Interface Mode Selection
EXT
183
I
Extended Instruction Set Selection
ICON_MO
DE
186
I
ICON ROW Management
SDA_IN
234
I
I2C Bus Data In
SDA_OUT
232
O
I2C Bus Data Out
SCL
235
I
I2C bus Clock
SA0
182
I
I2C Slave Address BIT 0
SA1
181
I
I2C Slave Address BIT 1
OSCIN
187
I
External Oscillator Input
OSCOUT
260
O
Internal/External Oscillator Out
RES
230
I
Reset Input. Active Low.
DB0 to DB7
220-227
I/O
Parallel Interface 8 Bit Data Bus
R/W
219
I
Parallel Interface Read & Write Control Line
E
229
I
Parallel Interface Data Latch Signal.
PD/C
228
I
Parallel Interface Data/Command Selector
SDIN
214
I
Serial Interface Data Input
EXT PAD CONFIG
INSTRUCTION SET SELECTED
VSS or VSSAUX
BASIC
VDD1
EXTENDED
ICON MODE PAD CONFIG
ICON MODE STATUS
VSS or VSSAUX
DISABLED
VDD1
ENABLED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com