Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STE2002DIE1 Datasheet(PDF) 42 Page - STMicroelectronics

Part # STE2002DIE1
Description  81 X 128 SINGLE CHIP LCD CONTROLLER / DRIVER
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE2002DIE1 Datasheet(HTML) 42 Page - STMicroelectronics

Back Button STE2002DIE1 Datasheet HTML 38Page - STMicroelectronics STE2002DIE1 Datasheet HTML 39Page - STMicroelectronics STE2002DIE1 Datasheet HTML 40Page - STMicroelectronics STE2002DIE1 Datasheet HTML 41Page - STMicroelectronics STE2002DIE1 Datasheet HTML 42Page - STMicroelectronics STE2002DIE1 Datasheet HTML 43Page - STMicroelectronics STE2002DIE1 Datasheet HTML 44Page - STMicroelectronics STE2002DIE1 Datasheet HTML 45Page - STMicroelectronics STE2002DIE1 Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 51 page
background image
STE2002
42/51
Figure 50. Parallel interface Write timing
Figure 51. Parallel interface Read timing
ELECTRICAL CHARACTERISTICS (continued)
AC OPERATION
(VDD1 = 1.7 to 3.6V; VDD2 = 1.75 to 4.2V; Vss1,2 = 0V; VLCD = 4.5 to 11V; Tamb =-40 to 85°C; unless otherwise specified)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
PARALLEL INTERFACE
TCY(EN)
Enable Cycle Time
VDD1 = 1.7V; Write; note 2, 6
150
ns
TW(EN)
Enable Pulse width
60
ns
TSU(A)
Address Set-up Time
30
ns
TH(A)
Address Hold Time
40
ns
TSU(D)
Data Set-Up Time
30
ns
TH(D)
Data Hold Time
30
ns
TSU(D)
Data Set-Up Time in read Mode
100
ns
THU(D)
Data Hold Time In Read mode
100
ns
PD/C
tSU(A)
tSU(D)
DB0-DB7
E
tW(en)
tHO(D)
tCY(en)
th(A)
R/W
WRITE
PD/C
tSU(A)
tSUR(D)
DB0-DB7
E
tW(en)
tHOR(D)
tCY(en)
th(A)
R/W
READ
Don't Care



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com