Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STE2002DIE1 Datasheet(PDF) 27 Page - STMicroelectronics

Part # STE2002DIE1
Description  81 X 128 SINGLE CHIP LCD CONTROLLER / DRIVER
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE2002DIE1 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button STE2002DIE1 Datasheet HTML 23Page - STMicroelectronics STE2002DIE1 Datasheet HTML 24Page - STMicroelectronics STE2002DIE1 Datasheet HTML 25Page - STMicroelectronics STE2002DIE1 Datasheet HTML 26Page - STMicroelectronics STE2002DIE1 Datasheet HTML 27Page - STMicroelectronics STE2002DIE1 Datasheet HTML 28Page - STMicroelectronics STE2002DIE1 Datasheet HTML 29Page - STMicroelectronics STE2002DIE1 Datasheet HTML 30Page - STMicroelectronics STE2002DIE1 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 51 page
background image
27/51
STE2002
Table 3. Explanations of Table 2 symbols
Table 4. PAGE NUMBER
Table 5. DISPLAY MODE
Table 6. FRAME RATE CONTROL
Table 7. VLCD RANGE SELECTION
BIT
0
1
RESET
STATE
DIR
Scroll by one down
Scroll by one up
PD
Device fully working
Device in power down
1
V
Horizontal addressing
Vertical addressing
0
MX
Normal X axis addressing
X axis address is mirrored.
0
MY
Image is displayed not vertically mirrored
Image is displayed vertically mirrored
0
DO
MSB on TOP
MSB on BOTTOM
0
PE
Partial Display disabled
Partial Display enabled
0
H[0]
Select page 0
Select page 1
0
MUX
MUX 65
MUX 33
0
H[1]
H[0]
DESCRIPTION
RESET STATE
0
0
Page 0
0
1
Page 1
Page 0
1
0
Page 2
1
1
Page 3
D
E
DESCRIPTION
RESET STATE
0
0
display blank
0
1
all display segments on
D=0
1
0
normal mode
E=0
1
1
inverse video mode
FR[1]
FR[0]
DESCRIPTION
RESET STATE
0
0
65Hz
0
1
70Hz
75Hz
1
0
75Hz
1
1
80Hz
PRS[1]
PRS[0]
DESCRIPTION
RESET STATE
0
0
2.94
0
1
6.78
1
0
10.62
1
1
Not Used



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com