Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6374 Datasheet(PDF) 8 Page - STMicroelectronics

Part # L6374
Description  Industrial quad line driver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6374 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L6374 Datasheet HTML 4Page - STMicroelectronics L6374 Datasheet HTML 5Page - STMicroelectronics L6374 Datasheet HTML 6Page - STMicroelectronics L6374 Datasheet HTML 7Page - STMicroelectronics L6374 Datasheet HTML 8Page - STMicroelectronics L6374 Datasheet HTML 9Page - STMicroelectronics L6374 Datasheet HTML 10Page - STMicroelectronics L6374 Datasheet HTML 11Page - STMicroelectronics L6374 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
Overtemperature protection (OVT)
L6374
8/19
5
Overtemperature protection (OVT)
If the chip temperature exceeds Th (measured in a central position in the chip) the chip
deactivates itself.
The following actions are taken:
●
all the output stages are forced in the "three state" condition, i.e. are disconnected from
the output pins; only the clamping diodes at the outputs remain active;
●
the signal Diag is activated (active low).
Normal operation is resumed as soon as (typically after some seconds) the chip
temperature monitored goes back below Th -HT.
The different upper and lower thresholds with hysteretic behavior, assure that no intermittent
conditions can be generated.
6
Undervoltage protection (UV)
The supply voltage is expected to range from 11 V to 35 V, even if its reference value is
considered to be 24 V.
In this range the L6374 operates correctly. Below 10.8 V the overall system has to be
considered not reliable.
Consequently the supply voltage is monitored continuously and a signal, called UV, is
internally generated and used.
The signal is "on" as long as the supply voltage does not reach the upper internal threshold
of the Vs comparator (called Vsh). The UV signal disappears above Vsh.
Once the UV signal has been removed, the supply voltage must decrease below the lower
threshold (i.e. below Vsh -Hys1) before it is turned on again.
The hysteresis Hys1 is provided to prevent intermittent operation of the device at low supply
voltages that may have a superimposed ripple around the average value.
The UV signal inhibits the outputs, putting them in three-state, but has no effect on the
creation of the reference voltages for the internal comparators, nor on the continuous
operation of the charge-pump circuits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com