Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6374 Datasheet(PDF) 9 Page - STMicroelectronics

Part # L6374
Description  Industrial quad line driver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6374 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button L6374 Datasheet HTML 5Page - STMicroelectronics L6374 Datasheet HTML 6Page - STMicroelectronics L6374 Datasheet HTML 7Page - STMicroelectronics L6374 Datasheet HTML 8Page - STMicroelectronics L6374 Datasheet HTML 9Page - STMicroelectronics L6374 Datasheet HTML 10Page - STMicroelectronics L6374 Datasheet HTML 11Page - STMicroelectronics L6374 Datasheet HTML 12Page - STMicroelectronics L6374 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
L6374
Diagnostic logic
9/19
7
Diagnostic logic
The situations that are monitored and signalled with the Diag output pin are:
current limit (OVC) in action; there are 8 individual current limiting circuits, two per each
output, i.e. one per every output transistor; they limit the current that can be either sour-
ced or sunk from each output, to a typical value of 150 mA, equal for all of them;
undervoltage protection (UV);
overtemperature protection (OVP); The diagnostic signal is transmitted via an open
drain output (for ease of wired-or connection of several such signals) and a low level
represents the presence of at least one of the monitored conditions, mentioned above.
8
Programmable delay
The current limiting circuits can be requested to perform even in absence of a real fault
condition, for a short period, if the load is of capacitive nature or if it is a filament lamp (that
exhibits a very low resistance during the initial heating phase). To avoid the forwarding of
misleading, short diagnostic pulses in coincidence with the intervention of the current
limiting circuits when operating on capacitive loads, a delay of about 5
µs is inserted on the
signal path, between the "OR" of the current limit signals and its use as external diagnostic.
It takes about 1
µs to charge (or discharge) by 24 V a capacitor of 5 nF with a current of
120 mA . To implement longer delays (from the intervention of one of the current limiting
circuits to the activation of the diagnostic) an external capacitor can be connected between
pin C3 and ground (pin C3 is otherwise left open).
The delay shall then be determined by the ratio of about 10 pF/
µs, using the value of the
capacitance connected to the pin.
9
Analog inputs (I1,I2,I3,I4)
The input stage of each channel is a high im-pedence comparator with built-in hysteresis
(200 mV) for high noise immunity. Each comparator has one input connected to all the
others and tied to a common pin Ref (Pin 11). If this pin is left floating an internal precise
band gap voltage reference (1.25 V) is applied, otherwise these inputs can be externally
programmed by connecting an external voltage source (from 0 to 5 V) and the current on
this pin is internally limited to ±20 mA. The other input pin of each comparator can swing
from -7 to 35 V.
For this reason it has been implemented the structure shown in Figure 4 on page 10 and the
device can also be used as line receiver.
When the input voltage is negative, the current is internally limited by a 15 k
Ω resistor as
shown in Figure 4 on page 10. High and low input thresholds can be obtained by adding and
subtracting half of the hysteresis to the voltage of pin Ref (see Figure 5 on page 10).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com