Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6374 Datasheet(PDF) 3 Page - STMicroelectronics

Part # L6374
Description  Industrial quad line driver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6374 Datasheet(HTML) 3 Page - STMicroelectronics

  L6374 Datasheet HTML 1Page - STMicroelectronics L6374 Datasheet HTML 2Page - STMicroelectronics L6374 Datasheet HTML 3Page - STMicroelectronics L6374 Datasheet HTML 4Page - STMicroelectronics L6374 Datasheet HTML 5Page - STMicroelectronics L6374 Datasheet HTML 6Page - STMicroelectronics L6374 Datasheet HTML 7Page - STMicroelectronics L6374 Datasheet HTML 8Page - STMicroelectronics L6374 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
L6374
Maximum ratings
3/19
1
Maximum ratings
2
Pin connections
Figure 2.
Pins connection (top view)
Table 2.
Absolute maximum ratings
Symbol
Pin
Parameter
Value
Unit
VS
1
Supply voltage (tW ≤ 10 ms)
50
V
Supply voltage (DC)
40
V
Vilog
12,
13
Logic input voltage (DC)
-0.3 to 7
V
I
ilog
Logic input forced current, per pin
±1mA
Ii
7, 8,
9, 10
Channel input current (forced)
±2mA
Vi
Channel input voltage
- 7 to 35
V
Iout
3, 4,
17,
18
Output current (forced, apart from inductive load)
±100
mA
Output current (forced, apart from inductive load)
same tW ≤ 10 ms
±1A
Vout
Output Voltage (forced, not resulting from an
inductive kick)
-0.3 to VS +0.3
V
Iset
11
Setting pin forced current
±1mA
Vset
Setting pin forced voltage
-0.3 to 5
V
Vdiag
14
External voltage
-0.3 to 35
V
Idiag
Externally forced current
-10 to 10
mA
VC3
13
Voltage on the delay capacitor, externally forced
-0.3 to 4.5
V
Top
Ambient temperature, operating range
-25 to 85
°C
TJ
Junction temperature, operating range (see
overtemperature protection)
-25 to 125
°C
Tstg
Storage temperature
-55 to 150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com