Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6374 Datasheet(PDF) 12 Page - STMicroelectronics

Part # L6374
Description  Industrial quad line driver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6374 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button L6374 Datasheet HTML 8Page - STMicroelectronics L6374 Datasheet HTML 9Page - STMicroelectronics L6374 Datasheet HTML 10Page - STMicroelectronics L6374 Datasheet HTML 11Page - STMicroelectronics L6374 Datasheet HTML 12Page - STMicroelectronics L6374 Datasheet HTML 13Page - STMicroelectronics L6374 Datasheet HTML 14Page - STMicroelectronics L6374 Datasheet HTML 15Page - STMicroelectronics L6374 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
The switching of the output stage
L6374
12/19
switching when the inductor can discharge; while the switching looks "delayed" if the output
transition tends to initiate a charging phase (see Figure 9). With a load almost free from
parasitic elements, the waveforms resemble the ones of the purely resistive cases.
With a real, more composite load, the effect of the inductive kick in comparison to the
resistive load, would be more apparent.
With a capacitor and a resistor in parallel as a load, another type of waveform can be seen
(reported in Figure 10).
As long as the output stage stays in the transient high impedance state, the output voltage
will follow the classic exponential law of an RC relaxation.
As soon as the other transistor is switched on and takes charge, the waveform is quickly
forcibly brought to its steady state value.
From the above it is possible to see how the switching times, inherently very fast, of the
output stages, may be difficult to identify in a waveform if the output load is not accurately
taken into consideration.
Figure 11 show typical switching waveform for inputs and outputs.
Figure 7.
VS = 35 V, 350 Ω connected to ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com