Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6374 Datasheet(PDF) 11 Page - STMicroelectronics

Part # L6374
Description  Industrial quad line driver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6374 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L6374 Datasheet HTML 7Page - STMicroelectronics L6374 Datasheet HTML 8Page - STMicroelectronics L6374 Datasheet HTML 9Page - STMicroelectronics L6374 Datasheet HTML 10Page - STMicroelectronics L6374 Datasheet HTML 11Page - STMicroelectronics L6374 Datasheet HTML 12Page - STMicroelectronics L6374 Datasheet HTML 13Page - STMicroelectronics L6374 Datasheet HTML 14Page - STMicroelectronics L6374 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
L6374
The switching of the output stage
11/19
11
The switching of the output stage
The cross conduction of the two transistors of an output stage of the L6374 would be
significantly noisy, because the transistors here can carry peak currents in excess of
100 mA, and even more in the few nanoseconds before the current limiting circuits are really
effective.
Consequently the device has been designed so as to avoid such cross conduction. At every
switching transition, first of all the transistor in conduction is turned OFF. Then, after a safe
interval of around 200 ns, the other transistor is turned on.
When analyzing the switching cycle, and the associated switching times, it is useful to
identify some subsequent phases:
●
delay from the input pin to the output reaction;
●
OFF transition in the output stage;
●
dead time
●
on transition in the output stage.
Figure 6.
VS = 35 V, 350 Ω connected to VS/2.
Figure 6 helps understand such sequence. In fact, with a purely resistive load connected to
Vs/2 no parasitic elements interfere significantly. The waveform can be significantly less
easy to in terpret if the load has not the perfect symmetry of that case, as showed below.
For instance, it is enough to connect the resistive load to ground, or to Vs – as Figure 7 and
Figure 8 – show to hide some of the switching phases described.
If the load is connected to ground, the waveform stays stuck to ground as long as the output
stage is in high impedance; viceversa when the load is connected to Vs the waveform will
linger close to the supply voltage as long as possible.
If an output load made of an inductor and a resistor in series is used, the inductive kick at
the beginning of every output transition generates the equivalent effect of an "anticipated"



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com