Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41ST84W Datasheet(PDF) 20 Page - STMicroelectronics

Part # M41ST84W
Description  3.0/3.3 V I2C serial RTC with 44 bytes of NVRAM and supervisory functions
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41ST84W Datasheet(HTML) 20 Page - STMicroelectronics

Back Button M41ST84W_08 Datasheet HTML 16Page - STMicroelectronics M41ST84W_08 Datasheet HTML 17Page - STMicroelectronics M41ST84W_08 Datasheet HTML 18Page - STMicroelectronics M41ST84W_08 Datasheet HTML 19Page - STMicroelectronics M41ST84W_08 Datasheet HTML 20Page - STMicroelectronics M41ST84W_08 Datasheet HTML 21Page - STMicroelectronics M41ST84W_08 Datasheet HTML 22Page - STMicroelectronics M41ST84W_08 Datasheet HTML 23Page - STMicroelectronics M41ST84W_08 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 34 page
background image
Clock operation
M41ST84W
20/34
Figure 12.
Crystal accuracy across temperature
Figure 13.
Clock calibration
3.4
Setting alarm clock registers
Address locations 0Ah-0Eh contain the alarm settings. The alarm can be configured to go
off at a prescribed time on a specific month, date, hour, minute, or second, or repeat every
year, month, day, hour, minute, or second. It can also be programmed to go off while the
M41ST84W is in the battery backup to serve as a system wakeup call.
Bits RPT5-RPT1 put the alarm in the repeat mode of operation. Table 4 shows the possible
configurations. Codes not listed in the table default to the once per second mode to quickly
alert the user of an incorrect alarm setting.
AI00999b
–160
0
10203040506070
Frequency (ppm)
Temperature
°C
80
–10
–20
–30
–40
–100
–120
–140
–40
–60
–80
20
0
–20
= K x (T –TO)
2
K = –0.036 ppm/
°C2 ± 0.006 ppm/°C2
TO = 25°C ± 5°C
F
AI00594B
NORMAL
POSITIVE
CALIBRATION
NEGATIVE
CALIBRATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com