Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41ST84W Datasheet(PDF) 31 Page - STMicroelectronics

Part # M41ST84W
Description  3.0/3.3 V I2C serial RTC with 44 bytes of NVRAM and supervisory functions
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41ST84W Datasheet(HTML) 31 Page - STMicroelectronics

Back Button M41ST84W_08 Datasheet HTML 26Page - STMicroelectronics M41ST84W_08 Datasheet HTML 27Page - STMicroelectronics M41ST84W_08 Datasheet HTML 28Page - STMicroelectronics M41ST84W_08 Datasheet HTML 29Page - STMicroelectronics M41ST84W_08 Datasheet HTML 30Page - STMicroelectronics M41ST84W_08 Datasheet HTML 31Page - STMicroelectronics M41ST84W_08 Datasheet HTML 32Page - STMicroelectronics M41ST84W_08 Datasheet HTML 33Page - STMicroelectronics M41ST84W_08 Datasheet HTML 34Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 31 / 34 page
background image
M41ST84W
Package mechanical data
31/34
6
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a lead-free second level interconnect. The category of
second level interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at www.st.com.
Figure 19.
SO16 – 16-lead plastic small outline, package outline
Note:
Drawing is not to scale.
Table 15.
SO16 – 16-lead plastic small outline, package mechanical data
SO-b
E
N
CP
B
e
A2
D
C
L
A1
H
A
1
Symbol
mm
inches
Typ.
Min.
Max.
Typ.
Min.
Max.
A
1.75
0.069
A1
0.10
0.25
0.004
0.010
A2
1.60
0.063
B
0.35
0.46
0.014
0.018
C
0.19
0.25
0.007
0.010
D
9.80
10.00
0.386
0.394
E
3.80
4.00
0.150
0.158
e1.27
–
–
0.050
–
–
H
5.80
6.20
0.228
0.244
L
0.40
1.27
0.016
0.050
a
0°8°
0°8°
N16
16
CP
0.10
0.004



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com