Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41ST84W Datasheet(PDF) 24 Page - STMicroelectronics

Part # M41ST84W
Description  3.0/3.3 V I2C serial RTC with 44 bytes of NVRAM and supervisory functions
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41ST84W Datasheet(HTML) 24 Page - STMicroelectronics

Back Button M41ST84W_08 Datasheet HTML 20Page - STMicroelectronics M41ST84W_08 Datasheet HTML 21Page - STMicroelectronics M41ST84W_08 Datasheet HTML 22Page - STMicroelectronics M41ST84W_08 Datasheet HTML 23Page - STMicroelectronics M41ST84W_08 Datasheet HTML 24Page - STMicroelectronics M41ST84W_08 Datasheet HTML 25Page - STMicroelectronics M41ST84W_08 Datasheet HTML 26Page - STMicroelectronics M41ST84W_08 Datasheet HTML 27Page - STMicroelectronics M41ST84W_08 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 34 page
background image
Clock operation
M41ST84W
24/34
3.8
Reset input (RSTIN)
The M41ST84W provides an independent input which can generate an output reset. The
duration and function of this reset is identical to a reset generated by a power cycle. Table 6
and Figure 16 illustrate the AC reset characteristics of this function. Pulses shorter than
tRLRH will not generate a reset condition. RSTIN is internally pulled up to VCC through a 100
k
Ω resistor.
Figure 16.
RSTIN timing waveform
Note:
With pull-up resistor
Table 6.
Reset AC characteristics
3.9
Power-fail INPUT/OUTPUT
The power-fail input (PFI) is compared to an internal reference voltage (1.25 V). If PFI is less
than the power-fail threshold (VPFI), the power-fail output (PFO) will go low. This function is
intended for use as an under-voltage detector to signal a failing power supply. Typically PFI
is connected through an external voltage divider (see Figure 4 on page 9) to either the
unregulated DC input (if it is available) or the regulated output of the VCC regulator. The
voltage divider can be set up such that the voltage at PFI falls below VPFI several
milliseconds before the regulated VCC input to the M41ST84W or the microprocessor drops
below the minimum operating voltage.
During battery backup, the power-fail comparator turns off and PFO goes (or remains) low.
This occurs after VCC drops below VPFD(min). When power returns, PFO is forced high,
irrespective of VPFI for the write protect time (trec), which is the time from VPFD(max) until the
inputs are recognized. At the end of this time, the power-fail comparator is enabled and PFO
follows PFI. If the comparator is unused, PFI should be connected to VSS and PFO left
unconnected.
AI03682
RST
(1)
RSTIN
tRLRH
tRHRSH
Symbol
Parameter(1)
1.
Valid for ambient operating temperature: TA = –40 to 85°C; VCC = 2.7 to 3.6 V (except where noted).
Min
Max
Unit
tRLRH
(2)
2.
Pulse width less than 50 ns will result in no RESET (for noise immunity).
RSTIN low to RSTIN high
200
ns
tRHRSH
(3)
3.
Programmable (see Table 8 on page 26)
RSTIN high to RST high
40
200
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com