Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41ST84W Datasheet(PDF) 21 Page - STMicroelectronics

Part # M41ST84W
Description  3.0/3.3 V I2C serial RTC with 44 bytes of NVRAM and supervisory functions
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41ST84W Datasheet(HTML) 21 Page - STMicroelectronics

Back Button M41ST84W_08 Datasheet HTML 17Page - STMicroelectronics M41ST84W_08 Datasheet HTML 18Page - STMicroelectronics M41ST84W_08 Datasheet HTML 19Page - STMicroelectronics M41ST84W_08 Datasheet HTML 20Page - STMicroelectronics M41ST84W_08 Datasheet HTML 21Page - STMicroelectronics M41ST84W_08 Datasheet HTML 22Page - STMicroelectronics M41ST84W_08 Datasheet HTML 23Page - STMicroelectronics M41ST84W_08 Datasheet HTML 24Page - STMicroelectronics M41ST84W_08 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
M41ST84W
Clock operation
21/34
When the clock information matches the alarm clock settings based on the match criteria
defined by RPT5-RPT1, the AF (alarm flag) is set. If AFE (alarm flag enable) is also set, the
alarm condition activates the IRQ/FT/OUT pin.
Note:
If the address pointer is allowed to increment to the flag register address, an alarm condition
will not cause the interrupt/flag to occur until the address pointer is moved to a different
address. it should also be noted that if the last address written is the “alarm seconds,” the
address pointer will increment to the flag address, causing this situation to occur.
The IRQ/FT/OUT output is cleared by a READ to the flags register as shown in Figure 14. A
subsequent READ of the flags register is necessary to see that the value of the alarm flag
has been reset to '0.'
The IRQ/FT/OUT pin can also be activated in the battery backup mode. The IRQ/FT/OUT
will go low if an alarm occurs and both ABE (alarm in battery backup mode enable) and AFE
are set. The ABE and AFE bits are reset during power-up, therefore an alarm generated
during power-up will only set AF. The user can read the flag register at system boot-up to
determine if an alarm was generated while the M41ST84W was in the deselect mode during
power-up. Figure 15 on page 22 illustrates the backup mode alarm timing.
Figure 14.
Alarm interrupt reset waveform
Table 4.
Alarm repeat modes
RPT5
RPT4
RPT3
RPT2
RPT1
Alarm setting
11111
Once per second
11110
Once per minute
11100
Once per hour
11000
Once per day
10000
Once per month
00000
Once per year
AI03664
IRQ/FT/OUT
ACTIVE FLAG
0Fh
0Eh
10h
HIGH-Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com