Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41ST84W Datasheet(PDF) 23 Page - STMicroelectronics

Part # M41ST84W
Description  3.0/3.3 V I2C serial RTC with 44 bytes of NVRAM and supervisory functions
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41ST84W Datasheet(HTML) 23 Page - STMicroelectronics

Back Button M41ST84W_08 Datasheet HTML 19Page - STMicroelectronics M41ST84W_08 Datasheet HTML 20Page - STMicroelectronics M41ST84W_08 Datasheet HTML 21Page - STMicroelectronics M41ST84W_08 Datasheet HTML 22Page - STMicroelectronics M41ST84W_08 Datasheet HTML 23Page - STMicroelectronics M41ST84W_08 Datasheet HTML 24Page - STMicroelectronics M41ST84W_08 Datasheet HTML 25Page - STMicroelectronics M41ST84W_08 Datasheet HTML 26Page - STMicroelectronics M41ST84W_08 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 34 page
background image
M41ST84W
Clock operation
23/34
pin. This will also disable the watchdog function until it is again programmed correctly. A
READ of the flags register will reset the watchdog flag (Bit D7; Register 0Fh).
The watchdog function is automatically disabled upon power-up and the watchdog register
is cleared. If the watchdog function is set to output to the IRQ/FT/OUT pin and the frequency
test (FT) function is activated, the watchdog function prevails and the frequency test function
is denied.
3.6
Square wave output
The M41ST84W offers the user a programmable square wave function which is output on
the SQW pin. The RS3-RS0 bits located in 13h establish the square wave output frequency.
These frequencies are listed in Table 5. Once the selection of the SQW frequency has been
completed, the SQW pin can be turned on and off under software control with the square
wave enable bit (SQWE) located in register 0Ah.
Table 5.
Square wave output frequency
3.7
Power-on reset
The M41ST84W continuously monitors VCC. When VCC falls to the power fail detect trip
point, the RST pulls low (open drain) and remains low on power-up for trec after VCC passes
VPFD(max). The RST pin is an open drain output and an appropriate pull-up resistor should
be chosen to control rise time.
Square wave bits
Square wave
RS3
RS2
RS1
RS0
Frequency
Units
00
00
None
–
00
01
32.768
kHz
0
0
1
0
8.192
kHz
0
0
1
1
4.096
kHz
0
1
0
0
2.048
kHz
0
1
0
1
1.024
kHz
01
10
512
Hz
01
11
256
Hz
10
00
128
Hz
10
01
64
Hz
10
10
32
Hz
10
11
16
Hz
11
00
8
Hz
11
01
4
Hz
11
10
2
Hz
11
11
1
Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com