Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS204 Datasheet(PDF) 7 Page - STMicroelectronics

Part # LS204
Description  High performance dual operational amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LS204 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button LS204 Datasheet HTML 3Page - STMicroelectronics LS204 Datasheet HTML 4Page - STMicroelectronics LS204 Datasheet HTML 5Page - STMicroelectronics LS204 Datasheet HTML 6Page - STMicroelectronics LS204 Datasheet HTML 7Page - STMicroelectronics LS204 Datasheet HTML 8Page - STMicroelectronics LS204 Datasheet HTML 9Page - STMicroelectronics LS204 Datasheet HTML 10Page - STMicroelectronics LS204 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
LS204
Application information for active low-pass filters
7/16
4
Application information for active low-pass filters
4.1
Butterworth
The Butterworth is a "maximally flat" amplitude response filter (Figure 11).
Butterworth filters are used for filtering signals in data acquisition systems to prevent
aliasing errors in samples-data applications and for general purpose low-pass filtering.
The cut-off frequency, Fc, is the frequency at which the amplitude response is down 3 dB.
The attenuation rate beyond the cut-off frequency is n6 dB per octave of frequency, where n
is the order (number of poles) of the filter.
Other characteristics:
●
Flattest possible amplitude response
●
Excellent gain accuracy at low frequency end of passband
4.2
Bessel
The Bessel is a type of “linear phase” filter.
Because of their linear phase characteristics, these filters approximate a constant time delay
over a limited frequency range. Bessel filters pass transient waveforms with a minimum of
distortion. They are also used to provide time delays for low pass filtering of modulated
waveforms and as a “running average” type filter.
The maximum phase shift is
radians,
where n is the order (number of poles) of the filter. The cut-off frequency, Fc, is defined as
the frequency at which the phase shift is one half of this value.
For accurate delay, the cut-off frequency should be twice the maximum signal frequency.
Table 4 can be used to obtain the -3 dB frequency of the filter.
Other characteristics:
●
Selectivity not as great as Chebyschev or Butterworth
●
Very little overshoot response to step inputs
●
Fast rise time
4.3
Chebyschev
Chebyschev filters have greater selectivity than either Bessel or Butterworth at the expense
of ripple in the passband (Figure 12).
Chebyschev filters are normally designed with peak-to-peak ripple values from 0.2 dB to
2dB.
Table 4.
-3 dB frequency of the filter
2 Poles
4 Poles
6 Poles
8 Poles
-3 dB frequency
0.77 Fc
0.67
Fc
0.57
Fc
0.50
Fc
n
π
–
2
----------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com