Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS204 Datasheet(PDF) 8 Page - STMicroelectronics

Part # LS204
Description  High performance dual operational amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LS204 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button LS204 Datasheet HTML 4Page - STMicroelectronics LS204 Datasheet HTML 5Page - STMicroelectronics LS204 Datasheet HTML 6Page - STMicroelectronics LS204 Datasheet HTML 7Page - STMicroelectronics LS204 Datasheet HTML 8Page - STMicroelectronics LS204 Datasheet HTML 9Page - STMicroelectronics LS204 Datasheet HTML 10Page - STMicroelectronics LS204 Datasheet HTML 11Page - STMicroelectronics LS204 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Application information for active low-pass filters
LS204
8/16
Increased ripple in the passband allows increased attenuation above the cut-off frequency.
The cut-off frequency is defined as the frequency at which the amplitude response passes
through the specified maximum ripple band and enters the stop band.
Other characteristics:
●
Greater selectivity
●
Very non-linear phase response
●
High overshoot response to step inputs
Table 5 shows the typical overshoot and setting time response of the low pass filters to a
step input.
4.4
Design of 2nd order active low pass filter (Sallen and Key
configuration unity gain op-amp)
For fixed R = R1 = R2, we have (see Figure 13):
Table 5.
Overshoot and setting time response of low pass filters to step input
Number of
poles
Peak overshoot
Settling time (% of final value)
% Overshoot
±1%
±0.1%
±0.01%
Butterworth
2
4
6
8
4
11
14
14
1.1Fc sec.
1.7/
Fc
2.4/
Fc
3.1/
Fc
1.7Fc sec.
2.8/
Fc
3.9S/
Fc
5.1/
Fc
1.9Fc sec.
3.8/
Fc
5.0S/
Fc
7.1/
Fc
Bessel
2
4
6
8
0.4
0.8
0.6
0.1
0.8/
Fc
1.0/
Fc
1.3/
Fc
1.6/
Fc
1.4/
Fc
1.8/
Fc
2.1/
Fc
2.3/
Fc
1.7/
Fc
2.4/
Fc
2.7/
Fc
3.2/
Fc
Chebyschev (ripple ±0.25dB)
2
4
6
8
11
18
21
23
1.1/
Fc
3.0/
Fc
5.9/
Fc
8.4/
Fc
1.6/
Fc
5.4/
Fc
10.4/
Fc
16.4/
Fc
-
-
-
-
Chebyschev (ripple ±1dB)
2
4
6
8
21
28
32
34
1.6/
Fc
4.8/
Fc
8.2/
Fc
11.6/
Fc
2.7/
Fc
8.4/
Fc
16.3/
Fc
24.8/
Fc
-
-
-
C1 =
1
R
---- ζ
ωc
------
C2 =
1
R
----
1
ξ ωc
-----------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com