Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS204 Datasheet(PDF) 10 Page - STMicroelectronics

Part # LS204
Description  High performance dual operational amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LS204 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button LS204 Datasheet HTML 6Page - STMicroelectronics LS204 Datasheet HTML 7Page - STMicroelectronics LS204 Datasheet HTML 8Page - STMicroelectronics LS204 Datasheet HTML 9Page - STMicroelectronics LS204 Datasheet HTML 10Page - STMicroelectronics LS204 Datasheet HTML 11Page - STMicroelectronics LS204 Datasheet HTML 12Page - STMicroelectronics LS204 Datasheet HTML 13Page - STMicroelectronics LS204 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Application information for active low-pass filters
LS204
10/16
4.5
Example
Figure 14.
5th order low-pass filter (Butterworth) with unity gain configuration
In the circuit of Figure 14, for Fc = 3.4 kHz and Ri = R1 = R2 = R3 = 10 kW, we obtain:
The attenuation of the filter is 30 dB at 6.8 kHz and better than 60 dB at 15 kHz.
The same method, referring to Table 7 and Figure 15 is used to design high-pass filters.
In this case the damping factor is found by taking the reciprocal of the numbers in Table 7.
For Fc = 5 kHz and Ci = C1 = C2 = C3 = 1 nF we obtain:
Figure 15.
5th order high-pass filter (Butterworth) with unity gain configuration
C2
R2
R1
C1
Ri
Ci
C4
R4
R3
C3
Ci = 1.354
1
R
----
1
2
πfc
------------ = 6.33nF
C1 = 0.421
1
R
----
1
2
πfc
------------ = 1.97nF
C2 = 1.753
1
R
----
1
2
πfc
------------ = 8.20nF
C3 = 0.309
1
R
----
1
2
πfc
------------ = 1.45nF
C4 = 3.325
1
R
----
1
2
πfc
------------ = 15.14nF
Ri =
1
0.354
---------------
1
C
----
1
2
πfc
------------ = 25.5k
Ω
R1 =
1
0.421
---------------
1
C
----
1
2
πfc
------------ = 75.6k
Ω
R2 =
1
1.753
---------------
1
C
----
1
2
πfc
------------ = 18.2k
Ω
R3 =
1
0.309
---------------
1
C
----
1
2
πfc
------------ = 103k
Ω
R4 =
1
3.325
---------------
1
C
----
1
2
πfc
------------ = 9.6k
Ω
R2
C2
C1
R1
Ri
Ci
R4
C3
R3
C4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com