Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS204 Datasheet(PDF) 4 Page - STMicroelectronics

Part # LS204
Description  High performance dual operational amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LS204 Datasheet(HTML) 4 Page - STMicroelectronics

  LS204 Datasheet HTML 1Page - STMicroelectronics LS204 Datasheet HTML 2Page - STMicroelectronics LS204 Datasheet HTML 3Page - STMicroelectronics LS204 Datasheet HTML 4Page - STMicroelectronics LS204 Datasheet HTML 5Page - STMicroelectronics LS204 Datasheet HTML 6Page - STMicroelectronics LS204 Datasheet HTML 7Page - STMicroelectronics LS204 Datasheet HTML 8Page - STMicroelectronics LS204 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Electrical characteristics
LS204
4/16
3
Electrical characteristics
Table 3.
Electrical characteristics at VCC = ±15 V, Tamb = +25° C (unless otherwise specified)
Symbol
Parameter
LS204I
LS204C
Unit
Min. Typ. Max. Min. Typ. Max.
ICC
Supply current
0.7
1.2
0.8
1.5
mA
Iib
Input bias current
Tmin < Tamb < Tmax
50
150
300
100
300
700
nA
R
i
Input resistance (F = 1kHz)
1
1
M
Ω
Vio
Input offset voltage (Rs ≤ 10kΩ)
Tmin < Tamb < Tmax
0.5
2.5
3.5
0.5
3.5
5
mV
DVio
Input offset voltage drift (Rs ≤ 10kΩ) Tmin < Tamb < Tmax
55
µV/°C
Iio
Input offset current
Tmin < Tamb < Tmax
520
40
12
50
100
nA
DIio
Input offset current drift Tmin < Tamb < Tmax
0.08
0.1
nA/°C
Ios
Output short-circuit current
23
23
mA
Avd
Large signal voltage gain Tmin < Tamb < Tmax
RL = 2kΩ, VCC = ±15V
RL = 2kΩ, VCC = ±4V
90
100
95
86
100
95
dB
GBP
Gain bandwidth product (F =100kHz)
1.8
3
1.5
2.5
MHz
en
Equivalent input noise voltage F = 1kHz, Rs = 100Ω
Rs = 50Ω
Rs = 1kΩ
Rs = 10kΩ
8
10
18
10
12
20
THD
Total harmonic distortion (F = 1kHz, Av = 20dB, RL = 2kΩ,
Vo = 2Vpp)
0.03
0.03
%
±Vopp
Output voltage swing
RL = 2kΩ, VCC = ±15V
RL = 2kΩ, VCC = ±4V
±13
±3
±13
±3
V
Vopp
Large signal voltage swing RL = 10kΩ, F= 10kHz
28
28
Vpp
SR
Slew rate (RL = 2kΩ, unity gain)
0.8
1.5
1
V/µs
SVR
Supply voltage rejection ratio Tmin < Tamb < Tmax
90
86
dB
CMR
Common mode rejection ratio Vic = ±10V
Tmin < Tamb < Tmax
90
86
dB
Vo1/Vo2 Channel separation (F= 1 kHz)
100
120
120
dB
nV
Hz
------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com