Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS204 Datasheet(PDF) 9 Page - STMicroelectronics

Part # LS204
Description  High performance dual operational amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LS204 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button LS204 Datasheet HTML 5Page - STMicroelectronics LS204 Datasheet HTML 6Page - STMicroelectronics LS204 Datasheet HTML 7Page - STMicroelectronics LS204 Datasheet HTML 8Page - STMicroelectronics LS204 Datasheet HTML 9Page - STMicroelectronics LS204 Datasheet HTML 10Page - STMicroelectronics LS204 Datasheet HTML 11Page - STMicroelectronics LS204 Datasheet HTML 12Page - STMicroelectronics LS204 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
LS204
Application information for active low-pass filters
9/16
Figure 13.
Filter configuration
Three parameters are needed to characterize the frequency and phase response of a 2nd
order active filter:
●
the gain (Gv),
●
the damping factor (
ξ ) or the Q factor (Q = 2 ξ )1),
●
the cut-off frequency (Fc).
The higher order response is obtained with a series of 2nd order sections. A simple RC
section is introduced when an odd filter is required.
The choice of
ξ (or Q factor) determines the filter response (see Table 6).
Table 6.
Filter response to
ξ or Q factor
Filter response
ξ
Q
Cut-off frequency (Fc)
Bessel
Frequency at which phase shift is -90°C
Butterworth
Frequency at which Gv = -3 dB
Chebyschev
Frequency at which the amplitude response passes through
specified max. ripple band and enters the stop bank.
C2
R2
R1
Vin
C1
Vout
3
2
-------
1
3
-------
2
2
-------
1
2
-------
2
2
-------
1
2
-------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com