Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STOTG04ES Datasheet(PDF) 6 Page - STMicroelectronics

Part # STOTG04ES
Description  USB-OTG Full-speed Transceiver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STOTG04ES Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STOTG04ES Datasheet HTML 2Page - STMicroelectronics STOTG04ES Datasheet HTML 3Page - STMicroelectronics STOTG04ES Datasheet HTML 4Page - STMicroelectronics STOTG04ES Datasheet HTML 5Page - STMicroelectronics STOTG04ES Datasheet HTML 6Page - STMicroelectronics STOTG04ES Datasheet HTML 7Page - STMicroelectronics STOTG04ES Datasheet HTML 8Page - STMicroelectronics STOTG04ES Datasheet HTML 9Page - STMicroelectronics STOTG04ES Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
Electrical characteristics
STOTG04ES
6/26
3
Electrical characteristics
Table 6.
Electrical characteristics
Characteristics measured over recommended operating conditions unless otherwise is
noted. All typical values are referred to TA = 25°C, VIF = 1.8V, VBAT = 3.3V, RS = 20Ω,
CEXT = 220nF, CT = 4.7µF and CTRM = 1µF
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
IIF
Digital Part Supply Current
Active mode (1,2)
0.6
1.6
mA
Power down mode
1
µA
IBAT
Operating Supply Current
Transceiver current while
transmitting and receiving (1,2)
4.5
7
mA
Charge pump current, ILOAD = 8mA
17
25
Power down mode (3)
1
µA
LOGIC INPUTS AND OUTPUTS
VOH
HIGH level output voltage
IOH = -100µA
VIF-0.15
V
IOH = -2mA
VIF-0.40
V
VOL
LOW level output voltage
IOL = 100µA
0.15
V
IOL = 2mA
0.40
V
VIH
HIGH level input voltage
0.7VIF
V
VIL
LOW level input voltage
0.3VIF
V
ILKG
Input leakage current
-1
1
µA
IOZ
Off-state output current
-5
5
µA
VBUS
VBUS
VBUS output voltage
ILOAD = 8mA
4.4
4.9
5.25
V
VBUS_LKG VBUS leakage voltage
No Load
3
200
mV
VBUS_RIP VBUS output ripple
ILOAD = 8mA, CT = 4.7µF
30
60
mV
fCP
Charge-pump switching
frequency (2)
0.5
0.8
1.5
MHz
RVBUS
VBUS input impedance
40
76
100
k
Ω
IVBUS
Maximum VBUS source current CEXT = 220 nF, VBUS > 4.4V
20
35
mA
VBUS_VLD
VBUS valid comparator
threshold
Low to high transition
4.40
V
High to low transition
4.40
VSES_VLD
Session valid comparator
threshold for both A and B
devices
Low to high transition
0.8
2.0
V
High to low transition
0.8
2.0
RVBUS_PU VBUS charge pull-up resistance
281
640
Ω
RVBUS_PD
VBUS discharge pull-down
resistance
656
1260
Ω
ID
VID_BIAS ID pin bias voltage
RCP_ID = 140kΩ, VBAT ≤5V
1.3
1.9
3.0
V
RID_PU
ID pin pull-up resistance
70
105
130
k
Ω
RID_GND
ID line short resistance to detect id_gnd state
10
Ω
RID_FLOAT ID line short resistance to detect id_float state
800
k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com