Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STOTG04ES Datasheet(PDF) 18 Page - STMicroelectronics

Part # STOTG04ES
Description  USB-OTG Full-speed Transceiver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STOTG04ES Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STOTG04ES Datasheet HTML 14Page - STMicroelectronics STOTG04ES Datasheet HTML 15Page - STMicroelectronics STOTG04ES Datasheet HTML 16Page - STMicroelectronics STOTG04ES Datasheet HTML 17Page - STMicroelectronics STOTG04ES Datasheet HTML 18Page - STMicroelectronics STOTG04ES Datasheet HTML 19Page - STMicroelectronics STOTG04ES Datasheet HTML 20Page - STMicroelectronics STOTG04ES Datasheet HTML 21Page - STMicroelectronics STOTG04ES Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
Block description
STOTG04ES
18/26
Table 18.
Control register 1
(1) State of the bit after reset.
Setting the bdis_acon_en bit enables automatic switching of the D+ pull-up resistor when the device
receives an SE0 longer than half of the bit period. This function should not be used in low-speed
operation.
Table 19.
Control register 2
It is not possible to set vbus_drv, vbus_dischrg and vbus_chrg at the same time; the bit having higher
priority will remain set while the others will be cleared. Vbus_drv has higher priority than vbus_dischrg
which has higher priority than vbus_chrg.
Table 20.
Control register 3
Name
Bit
R(1)
Description
Speed
0
1
0 = low-speed mode
1 = full-speed mode
Suspend
1
1
0 = normal operation
1 = power-down mode
dat_se0
2
0
0 = VP_VM mode
1 = DAT_SE0 mode
transp_en
3
0
Reserved. For testing purpose
bdis_acon_en
4
0
Enable A-device to connect if B-device disconnect detected
oe_int_en
5
0
When set and suspend = 1, then OE_TP_INT/ becomes
interrupt output
uart_en
6
0
Enables UART mode (higher priority than transp_en bit) and
2.7V voltage regulation
7
Reserved
Name
Bit
R
Description
dp_pull-up
0
0
Connect D+ pull-up
dm_pull-up
1
0
Connect D- pull-up
dp_pull-down
2
1
Connect D+ pull-down
dm_pull-down
3
1
Connect D- pull-down
id_gnd_drv
4
0
Connect ID pin to ground
vbus_drv
5
0
Provide power to VBUS
vbus_dischrg
6
0
Discharge VBUS through a resistor to ground
vbus_chrg
7
0
Charge VBUS through a resistor
Name
Bit
R
Description
00
Reserved
rec_bias_en
1
0
Enables transmitter bias even during USB receive
bidi_en
2
1
When set, then DAT_VP and SE0_VM pins become bidirectional
otherwise they are inputs only
bdir[0]
3
0
Direction of the drivers between DAT_VP
↔DP and
SE0_VM
↔DM in the UART mode
bdir[1]
4
1
audio_en
5
0
Enables car-kit interrupt detector
psw_en
6
0
Enables external charge pump control on the ADR_PSW pin
70
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com