Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STOTG04ES Datasheet(PDF) 17 Page - STMicroelectronics

Part # STOTG04ES
Description  USB-OTG Full-speed Transceiver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STOTG04ES Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STOTG04ES Datasheet HTML 13Page - STMicroelectronics STOTG04ES Datasheet HTML 14Page - STMicroelectronics STOTG04ES Datasheet HTML 15Page - STMicroelectronics STOTG04ES Datasheet HTML 16Page - STMicroelectronics STOTG04ES Datasheet HTML 17Page - STMicroelectronics STOTG04ES Datasheet HTML 18Page - STMicroelectronics STOTG04ES Datasheet HTML 19Page - STMicroelectronics STOTG04ES Datasheet HTML 20Page - STMicroelectronics STOTG04ES Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
STOTG04ES
Block description
17/26
Table 15.
UART drivers direction
6.7.4
Audio mode
In this mode the transceiver has to release all of its drivers and pull-up/pull-down resistors on the D+, D-
and ID pins, leaving them in a high impedance state. This allows these lines to be used for transmission
of audio signals. The transceiver should not provide voltage on its VBUS output in this mode. Conditions
described in Table 16 force the transceiver into the audio mode.
Table 16.
Audio mode setup
6.8
Registers
The STOTG04ES transceiver device is controlled using register settings (see Table 17). These registers
can be set and read via the I2C bus.
Table 17.
Register set
(1) Access type can be: read (r), set (s), clear (c).
(2) The first address is to set, the second one to clear bits.
When writing to the set address, any “1” will set the associated Bit to logic “1”. When writing to the clear
address, any “1” will set the associated Bit to logic “0”. It is possible to read from any address, whether it
is a set or clear address. See Tables 18, 19, 20, 21 for bit setting details.
bdir[1]
bdir[0]
DAT_VP
↔ D+
SE0_VM
↔ D-
00
→→
01
→←
10
←→
11
←←
transp_en bit
uart_en bit
OE_TP_INT/ signal
Control Register 2
0
0
1
00000000
Register
Size (bits)
Acc (1)
Addr (2)
Description
Vendor ID
16
r
00h
STMicroelectronics ID (0483h) - LSB first
Product ID
16
r
02h
ID of the STOTG04 (A0C4h) - LSB first
Control 1
8
r/s/c
04h 05h
First Control Register
Control 2
8
r/s/c
06h 07h
Second Control Register
Control 3
8
r/s/c
12h 13h
Third Control Register
Interrupt Source
8
r
08h
Current state of signals generating interrupts
Interrupt Latch
8
r/s/c
0Ah 0Bh
Latched source that generated interrupt
Interrupt Mask False
8
r/s/c
0Ch 0Dh
Enables interrupts on falling edge
Interrupt Mask True
8
r/s/c
0Eh 0Fh
Enables interrupts on rising edge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com