Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STOTG04ES Datasheet(PDF) 14 Page - STMicroelectronics

Part # STOTG04ES
Description  USB-OTG Full-speed Transceiver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STOTG04ES Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STOTG04ES Datasheet HTML 10Page - STMicroelectronics STOTG04ES Datasheet HTML 11Page - STMicroelectronics STOTG04ES Datasheet HTML 12Page - STMicroelectronics STOTG04ES Datasheet HTML 13Page - STMicroelectronics STOTG04ES Datasheet HTML 14Page - STMicroelectronics STOTG04ES Datasheet HTML 15Page - STMicroelectronics STOTG04ES Datasheet HTML 16Page - STMicroelectronics STOTG04ES Datasheet HTML 17Page - STMicroelectronics STOTG04ES Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
Block description
STOTG04ES
14/26
6
Block description
The STOTG04ES integrates a charge pump and comparators for the VBUS, ID line detector and interrupt
switch, differential data driver, differential and single-ended receivers, low dropout voltage regulator and
control logic. The STOTG04ES provides a complete solution for connection of a digital USB OTG
controller to the physical Universal Serial Bus.
6.1
Charge pump
The VBUS line voltage is provided using the internal charge pump. It is capable of sourcing up to 35mA
load current. The charge pump can be powered by voltage from 2.7V to 5.5V. It needs two capacitors for
its operation: an external capacitor of 220nF connected between the CAP1 and CAP2 pins and a 4.7µF
decoupling tank capacitor on the VBUS. In case when an application needs higher current than 35mA, it is
possible to provide it using an external charge pump or switch controlled by the ADR_PSW pin.
6.2
VBUS Comparators
These comparators monitor the VBUS voltage. They provide current status information for the VBUS line.
VBUS valid status means that the voltage is above VBUS_VLD. Session valid status means that the VBUS
voltage is above VSES_VLD level.
6.3
Voltage regulator
An internal low-dropout voltage regulator provides power supply for the bus drivers and receivers. The
regulator needs an external capacitor of 1µF on the VTRM pin for its proper operation. The regulator can
provide 3.3V or 2.75V output voltages according to the Operating Mode.
The regulator can be bypassed in case when the analog supply voltage is in the range of 3.0V (or 2.7V)
to 3.6V. It is necessary to tie the VTRM pin to the VBAT power supply voltage to bypass the regulator.
6.4
ID Line detector
This block senses ID line status. It is capable of detecting three different line states:
• pin floating;
• pin tied to ground;
• pin grounded via a 140k
Ω resistor.
The ID detector can also generate an interrupt by shorting the pin to ground.
6.5
Driver and receivers
The driver can operate in two different modes. It can act as a simple low-speed and full-speed differential
USB driver or as two independent single-ended drivers in the UART mode.
This block contains one differential receiver for the USB operation mode and two single-ended receivers
for USB signaling as well as UART receivers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com