Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STOTG04ES Datasheet(PDF) 15 Page - STMicroelectronics

Part # STOTG04ES
Description  USB-OTG Full-speed Transceiver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STOTG04ES Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STOTG04ES Datasheet HTML 11Page - STMicroelectronics STOTG04ES Datasheet HTML 12Page - STMicroelectronics STOTG04ES Datasheet HTML 13Page - STMicroelectronics STOTG04ES Datasheet HTML 14Page - STMicroelectronics STOTG04ES Datasheet HTML 15Page - STMicroelectronics STOTG04ES Datasheet HTML 16Page - STMicroelectronics STOTG04ES Datasheet HTML 17Page - STMicroelectronics STOTG04ES Datasheet HTML 18Page - STMicroelectronics STOTG04ES Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
STOTG04ES
Block description
15/26
6.6
Control logic
This block controls the behavior of whole chip. It communicates with the external environment via the I2C
serial bus. The control logic block consists of I2C slave interface, configuration and status registers, and
some glue logic.
6.7
Modes of operation
The STOTG04ES can operate in two different power modes and in three operating modes. They can be
controlled by logic signals and control registers.
6.7.1
Power modes
To reduce power consumption when there is no need for the USB function, the STOTG04 implements
power-down mode. In this mode, the power consumption is strongly reduced. Power mode of the device
can be controlled by bit suspend of the Control Register 1 or/and the SUSPEND pin as can be seen in
table 8).
Table 8.
Power modes
Although in power down mode all analog blocks should be switched off, some of them could be turned on
by bits in the control registers having higher priority than suspend bit. In order to obtain minimum power
consumption in power down mode the device must be configured has shown in Table 9. The digital part is
fully static so that it almost does not consume power. All of the interrupts (except BDIS_ACON) are fully
operational in Power-down mode, as is the I2C interface.
Table 9.
Power down mode setup
X = Don’t care
- = Reserved
Bit order: 0...7
6.7.2
USB Modes
The STOTG04ES transceiver has two basic USB operational modes. These modes define how the digital
IO pins of the transceiver will be used. Independently of USB operating mode, some signals always have
the same function (see Table 10).
Table 10.
Digital interface signals
SUSPEND BIT
SUSPEND PIN
Power Mode
0X
normal operation
X0
1
1
power-down
SUSPEND BIT
SUSPEND PIN
Control register 1
Control register 2
Control register 3
1
1
X1X0XX0-
00XX00X0
-XXXX0XX
Signal
Function
RCV
Differential receiver output
VP
D+ single-ended receiver output
VM
D- single-ended receiver output
OE_TP_INT/
Output enable signal of the differential driver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com