Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS982IDW Datasheet(PDF) 11 Page - STMicroelectronics

Part # TS982IDW
Description  Wide bandwidth dual bipolar operational amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS982IDW Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TS982IDW Datasheet HTML 7Page - STMicroelectronics TS982IDW Datasheet HTML 8Page - STMicroelectronics TS982IDW Datasheet HTML 9Page - STMicroelectronics TS982IDW Datasheet HTML 10Page - STMicroelectronics TS982IDW Datasheet HTML 11Page - STMicroelectronics TS982IDW Datasheet HTML 12Page - STMicroelectronics TS982IDW Datasheet HTML 13Page - STMicroelectronics TS982IDW Datasheet HTML 14Page - STMicroelectronics TS982IDW Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
TS982
Electrical characteristics
11/20
Figure 25.
Phase margin vs. supply voltage
Figure 26.
Gain margin vs. supply voltage
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
10
20
30
40
50
60
70
CL=500pF
CL=0pF
RL=600
Ω
Tamb=25
°C
Power Supply Voltage (V)
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
10
20
CL=500pF
CL=200pF
CL=100pF
CL=0pF
RL=600
Ω
Tamb=25
°C
Power Supply Voltage (V)
Figure 27.
Phase margin vs. supply voltage
Figure 28.
Gain margin vs. supply voltage
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
10
20
30
40
50
60
70
CL=300pF
CL=500pF
CL=0pF
RL=5k
Ω
Tamb=25
°C
Power Supply Voltage (V)
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
10
20
CL=500pF
CL=200pF
CL=100pF
CL=0pF
RL=5k
Ω
Tamb=25
°C
Power Supply Voltage (V)
Figure 29.
Distortion vs. output voltage
Figure 30.
Distortion vs. output voltage
Vcc=5V
Vcc=3.3V
Vcc=2.7V
RL = 2
Ω
F = 1kHz
Av = +1
BW < 80kHz
Tamb = 25
°C
Vcc=5V
Vcc=3.3V
Vcc=2.7V
RL = 4
Ω
F = 1kHz
Av = +1
BW < 80kHz
Tamb = 25
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com