Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS982IDW Datasheet(PDF) 3 Page - STMicroelectronics

Part # TS982IDW
Description  Wide bandwidth dual bipolar operational amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS982IDW Datasheet(HTML) 3 Page - STMicroelectronics

  TS982IDW Datasheet HTML 1Page - STMicroelectronics TS982IDW Datasheet HTML 2Page - STMicroelectronics TS982IDW Datasheet HTML 3Page - STMicroelectronics TS982IDW Datasheet HTML 4Page - STMicroelectronics TS982IDW Datasheet HTML 5Page - STMicroelectronics TS982IDW Datasheet HTML 6Page - STMicroelectronics TS982IDW Datasheet HTML 7Page - STMicroelectronics TS982IDW Datasheet HTML 8Page - STMicroelectronics TS982IDW Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
TS982
Absolute maximum ratings and operating conditions
3/20
1
Absolute maximum ratings and operating conditions
Table 1.
Absolute maximum ratings (AMR)
Symbol
Parameter
Value
Unit
VCC
Supply voltage(1)
1.
All voltage values are measured with respect to the ground pin.
6V
Vin
Input voltage
-0.3 V to VCC +0.3 V
V
Toper
Operating free-air temperature range
-40 to + 125
°C
Tstg
Storage temperature
-65 to +150
°C
Tj
Maximum junction temperature
150
°C
Rthja
Thermal resistance junction to ambient(2)
2.
With two sides, two-plane PCB following the EIA/JEDEC JESD51-7 standard.
45
°C/W
Rthjc
Thermal resistance junction to case
10
°C/W
ESD
Human body model (HBM)l(3)
3.
Human body model: A 100 pF capacitor is charged to the specified voltage, then discharged through a
1.5 k
Ω resistor between two pins of the device. This is done for all couples of connected pin combinations
while the other pins are floating.
2kV
Charged device model (CDM)(4)
4.
Charged device model: all pins and the package are charged together to the specified voltage and then
discharged directly to the ground through only one pin. This is done for all pins.
1.5
kV
Machine model (MM)(5)
5.
Machine model: A 200 pF capacitor is charged to the specified voltage, then discharged directly between
two pins of the device with no external series resistor (internal resistor < 5
Ω). This is done for all couples of
connected pin combinations while the other pins are floating.
200
V
Latch-up
Latch-up immunity (all pins)
200
mA
Lead temperature (soldering, 10sec)
250
°C
Output short-circuit duration
see note (6)
6.
Short-circuits can cause excessive heating. Destructive dissipation can result from a short-circuit on one or
two amplifiers simultaneously.
Table 2.
Operating conditions
Symbol
Parameter
Value
Unit
VCC
Supply voltage
2.5 to 5.5
V
Vicm
Common mode input voltage range
GND to VCC
V
CL
Load capacitor
RL < 100 Ω
RL > 100 Ω
400
100
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com