Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS982IDW Datasheet(PDF) 4 Page - STMicroelectronics

Part # TS982IDW
Description  Wide bandwidth dual bipolar operational amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS982IDW Datasheet(HTML) 4 Page - STMicroelectronics

  TS982IDW Datasheet HTML 1Page - STMicroelectronics TS982IDW Datasheet HTML 2Page - STMicroelectronics TS982IDW Datasheet HTML 3Page - STMicroelectronics TS982IDW Datasheet HTML 4Page - STMicroelectronics TS982IDW Datasheet HTML 5Page - STMicroelectronics TS982IDW Datasheet HTML 6Page - STMicroelectronics TS982IDW Datasheet HTML 7Page - STMicroelectronics TS982IDW Datasheet HTML 8Page - STMicroelectronics TS982IDW Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Electrical characteristics
TS982
4/20
2
Electrical characteristics
Table 3.
Electrical characteristics for VCC+ = +5 V, VCC- = 0 V, and Tamb = 25° C
(unless otherwise specified)
Symbol
Parameter
Min.
Typ.
Max.
Unit
ICC
Supply current - No input signal, no load
Tmin < Top < Tmax
5.5
7.2
7.2
mA
VIO
Input offset voltage (Vicm = VCC/2)
Tmin < Top < Tmax
15
7
mV
ΔVIO
Input offset voltage drift
2
µV/°C
IIB
Input bias current - Vicm = VCC/2
Tmin < Top < Tmax
200
500
500
nA
IIO
Input offset current
Vicm = VCC/2
10
nA
VOH
High level output voltage
RL = 16Ω
RL = 16Ω, Tmin < Top < Tmax
Iout = 200mA
4.2
4
4.4
4
V
VCC= 4.75V, T = 125° C, Iout = 25mA
4.3
V
VOL
Low level output voltage
RL = 16Ω
RL = 16Ω, Tmin < Top < Tmax
Iout = 200mA
0.55
1
0.65
0.95
V
VCC = 4.75V, T = 125°C, Iout = 25mA
0.45
V
AVD
Large signal voltage gain
RL = 16Ω
95
dB
GBP
Gain bandwidth product
RL = 32Ω
1.35
2.2
MHz
CMR
Common mode rejection ratio
80
dB
SVR
Supply voltage rejection ratio
95
dB
SR
Slew rate, unity gain inverting
RL = 16Ω
0.45
0.7
V/µs
Φm
Phase margin at unit gain
RL = 16Ω, CL = 400pF
56
degrees
Gm
Gain margin
RL = 16Ω, CL = 400pF
18
dB
en
Equivalent input noise voltage
F = 1kHz
17
Crosstalk
Channel separation
RL = 16Ω, F = 1kHz
100
dB
nV
Hz
------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com