Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS982IDW Datasheet(PDF) 15 Page - STMicroelectronics

Part # TS982IDW
Description  Wide bandwidth dual bipolar operational amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS982IDW Datasheet(HTML) 15 Page - STMicroelectronics

Back Button TS982IDW Datasheet HTML 11Page - STMicroelectronics TS982IDW Datasheet HTML 12Page - STMicroelectronics TS982IDW Datasheet HTML 13Page - STMicroelectronics TS982IDW Datasheet HTML 14Page - STMicroelectronics TS982IDW Datasheet HTML 15Page - STMicroelectronics TS982IDW Datasheet HTML 16Page - STMicroelectronics TS982IDW Datasheet HTML 17Page - STMicroelectronics TS982IDW Datasheet HTML 18Page - STMicroelectronics TS982IDW Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
TS982
Application information
15/20
3.3
Thermal management benefits
A good thermal design is important to maintain the temperature of the silicon junction below
Tj = 150° C as given in the absolute maximum ratings and also to maintain the operating
power level.
Another effect of temperature is that the life expectancy of an integrated circuit decreases
exponentially when operating at high temperature over an extended period of time. It is
estimated that, the chip failure rate doubles for every 10° to 20° C. This demonstrates that
reducing the junction temperature is also important to improve the reliability of the amplifier.
Because of the high dissipation capability of the SO-8 exposed-pad package, the dual op-
amp TS982 has a lower junction temperature for high current applications in high ambient
temperatures.
3.4
Thermal management guidelines
The following guidelines are a simple procedure to determine the PCB you should use in
order to get the best from the SO-8 exposed-pad package:
1.
Determine the total power Ptotal to be dissipated by the IC.
Ptotal = ICC x VCC + Vdrop1 x Iout1+ Vdrop2 x Iout2
ICC x VCC is the DC power needed by the TS982 to operate with no load. Refer to
Figure 1: Current consumption vs. supply voltage on page 7 to determine ICC versus
VCC and versus temperature.
The other terms are the power dissipated by the two operators to source the load. If the
output signal can be assimilated to a DC signal, you can calculate the dissipated power
using the voltage drop curves versus output current, supply voltage, and temperature
(Figure 2 on page 7 to Figure 8 on page 8).
2.
Specify the maximum operating temperature, (Ta) of the TS982.
3.
Specify the maximum junction temperature (Tj) at the maximum output power. As
discussed above, Tj must be below 150°C and as low as possible for reliability
considerations.
Therefore, the maximum thermal resistance between junction and ambient Rthja is:
Rthja = (Tj - Ta)/Ptotal
Different PCBs can give the right Rthja for a given application. Figure 42 gives the Rthja of the
SO-8 exposed pad versus the copper area of a top side PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com