Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS982IDW Datasheet(PDF) 19 Page - STMicroelectronics

Part # TS982IDW
Description  Wide bandwidth dual bipolar operational amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS982IDW Datasheet(HTML) 19 Page - STMicroelectronics

Back Button TS982IDW Datasheet HTML 12Page - STMicroelectronics TS982IDW Datasheet HTML 13Page - STMicroelectronics TS982IDW Datasheet HTML 14Page - STMicroelectronics TS982IDW Datasheet HTML 15Page - STMicroelectronics TS982IDW Datasheet HTML 16Page - STMicroelectronics TS982IDW Datasheet HTML 17Page - STMicroelectronics TS982IDW Datasheet HTML 18Page - STMicroelectronics TS982IDW Datasheet HTML 19Page - STMicroelectronics TS982IDW Datasheet HTML 20Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
TS982
Ordering information
19/20
5
Ordering information
6
Revision history
Table 8.
Order codes
Order code
Temperature range
Package
Packing
Marking
TS982IDW
-40° C to +125° C
SO-8 exposed-pad
Tube
TS982I
TS982IDWT
Tape & reel
TS982IYDW(1)
1.
Qualified and characterized according to AEC Q100 and Q003 or equivalent, advanced screening
according to AEC Q001 & Q 002 or equivalent.
SO-8 exposed-pad
(Automotive grade)
Tube
TS982IY
TS982IYDWT(1)
Tape & reel
Table 9.
Document revision history
Date
Revision
Changes
02-Jan-2004
1
First release.
01-Feb- 2004
2
Order codes modified on cover page.
01-Dec-2005
3
PPAP references inserted in the datasheet see Table 5: Ordering
information on page 19.
02-Apr-2006
4
VOH and VOL limits (at VCC = 4.75 V, Tamb = 125° C) added in
Table 3. on page 4.
24-Oct-2006
5
Corrections to Section 3.3: Thermal management benefits and
Section 3.4: Thermal management guidelines on page 15.
Pad size added to package mechanical data table under SO-8
exposed pad package mechanical drawing on page 18, and
stand-off value corrected.
Corrected value of VOH for VCC = 2.7 V.
5-Jun-2008
6
Moved ordering information from cover page to end of document.
Added footnotes for ESD parameters in Table 1: Absolute
maximum ratings (AMR).
Added footnote for automotive grade parts in Table 8: Order
codes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com