Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLA01 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STLA01
Description  50 mA stand-alone linear LED driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLA01 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STLA01 Datasheet HTML 2Page - STMicroelectronics STLA01 Datasheet HTML 3Page - STMicroelectronics STLA01 Datasheet HTML 4Page - STMicroelectronics STLA01 Datasheet HTML 5Page - STMicroelectronics STLA01 Datasheet HTML 6Page - STMicroelectronics STLA01 Datasheet HTML 7Page - STMicroelectronics STLA01 Datasheet HTML 8Page - STMicroelectronics STLA01 Datasheet HTML 9Page - STMicroelectronics STLA01 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Application
STLA01
6/16
4
Application
Figure 3.
Typical application
PROG
EN
LED
GND
V
CC
OFF
I
LED
V
CC
STLA01
C
IN
1
3
R
PROG
5
4
6
ON
PROG
EN
LED
GND
V
CC
OFF
I
LED
V
CC
STLA01
C
IN
1
3
R
PROG
5
4
6
ON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com