Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLA01 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STLA01
Description  50 mA stand-alone linear LED driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLA01 Datasheet(HTML) 5 Page - STMicroelectronics

  STLA01 Datasheet HTML 1Page - STMicroelectronics STLA01 Datasheet HTML 2Page - STMicroelectronics STLA01 Datasheet HTML 3Page - STMicroelectronics STLA01 Datasheet HTML 4Page - STMicroelectronics STLA01 Datasheet HTML 5Page - STMicroelectronics STLA01 Datasheet HTML 6Page - STMicroelectronics STLA01 Datasheet HTML 7Page - STMicroelectronics STLA01 Datasheet HTML 8Page - STMicroelectronics STLA01 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
STLA01
Maximum ratings
5/16
3
Maximum ratings
Note:
Absolute maximum ratings are those values beyond which damage to the device may occur.
Functional operation under these conditions is not implied.
Table 3.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
Input supply voltage
From -0.3 to 7
V
VLED
LED pin voltage
From -0.3 to 7
V
VPROG
PROG pin voltage
From -0.3 to 3
V
VEN
EN pin voltage
From -0.3 to 7
V
ILED
LED pin current
80
mA
IPROG
PROG pin current
800
µA
LED short-circuit duration
Continuous
PD
Power dissipation
Internally limited
TJ
Max junction temperature
125
°C
TSTG
Storage temperature range
-65 to 125
°C
TOP
Operating junction temperature range
-40 to 85
°C
TL
Lead temperature (10 sec)
260 (JEDEC 020C)
°C
Table 4.
Thermal data
Symbol
Parameter
Value
Unit
RthJA
Thermal resistance junction-ambient
100 (1)
°C/W
1.
This value depends on whether the exposed backside of the package is soldered to the PC board. If it is not, the value
could be considerably higher.
Table 5.
ESD performance
Symbol
Parameter
Test conditions
Value
Unit
ESD
ESD protection voltage
HBM (EIA/JESD22/A114)
3
kV
MM (EIA/JESD22/A115)
200
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com