Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLA01 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STLA01
Description  50 mA stand-alone linear LED driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLA01 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STLA01 Datasheet HTML 8Page - STMicroelectronics STLA01 Datasheet HTML 9Page - STMicroelectronics STLA01 Datasheet HTML 10Page - STMicroelectronics STLA01 Datasheet HTML 11Page - STMicroelectronics STLA01 Datasheet HTML 12Page - STMicroelectronics STLA01 Datasheet HTML 13Page - STMicroelectronics STLA01 Datasheet HTML 14Page - STMicroelectronics STLA01 Datasheet HTML 15Page - STMicroelectronics STLA01 Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
Package mechanical data
STLA01
12/16
Dim.
mm.
inch.
Min.
Typ.
Max.
Min.
Typ.
Max.
A
0.70
0.75
0.80
27.6
29.5
31.5
A1
0
0.02
0.05
0.0
0.8
2.0
A3
0.20
7.9
b
0.20
0.25
0.327.99.8
12.6
D1.90
2.00
2.10
74.8
78.7
82.7
D2
1.22
1.37
1.47
48.0
53.9
57.9
E1.90
2.00
2.10
74.8
78.7
82.7
E2
0.41
0.56
0.66
16.1
22.0
26.0
e
0.50
19.7
L0.30
0.40
0.50
11.8
15.7
19.7
DFN6 (2x2 mm) mechanical data
7733060B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com