Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLA01 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STLA01
Description  50 mA stand-alone linear LED driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLA01 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STLA01 Datasheet HTML 5Page - STMicroelectronics STLA01 Datasheet HTML 6Page - STMicroelectronics STLA01 Datasheet HTML 7Page - STMicroelectronics STLA01 Datasheet HTML 8Page - STMicroelectronics STLA01 Datasheet HTML 9Page - STMicroelectronics STLA01 Datasheet HTML 10Page - STMicroelectronics STLA01 Datasheet HTML 11Page - STMicroelectronics STLA01 Datasheet HTML 12Page - STMicroelectronics STLA01 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
STLA01
Typical performance characteristics
9/16
7
Typical performance characteristics
Figure 4.
LED pin current vs temperature
Figure 5.
LED pin current vs temperature
Figure 6.
LED pin current vs temperature
Figure 7.
LED pin current vs RPROG
Figure 8.
Supply current vs temperature
Figure 9.
Supply current vs RPROG
45
46
47
48
49
50
51
52
53
54
55
-50
-25
0
25
50
75
100
T [°C]
V
EN=VCC=5 V, CIN=1 µF , VLED=3 V, RPROG=2.4 kohm
45
46
47
48
49
50
51
52
53
54
55
-50
-25
0
25
50
75
100
T [°C]
V
EN=VCC=5 V, CIN=1 µF , VLED=3 V, RPROG=2.4 kohm
15
16
17
18
19
20
21
22
23
24
25
-50
-25
0
25
50
75
100
T [°C]
V
EN=VCC=5 V, CIN=1 µF, VLED=3 V, RPROG=6.2 kohm
15
16
17
18
19
20
21
22
23
24
25
-50
-25
0
25
50
75
100
T [°C]
V
EN=VCC=5 V, CIN=1 µF, VLED=3 V, RPROG=6.2 kohm
5
6
7
8
9
10
11
12
13
14
15
-50
-25
0
25
50
75
100
T [°C]
V
EN=VCC=5 V, CIN=1 µF, VLED=3 V, RPROG=12.4 kohm
5
6
7
8
9
10
11
12
13
14
15
-50
-25
0
25
50
75
100
T [°C]
V
EN=VCC=5 V, CIN=1 µF, VLED=3 V, RPROG=12.4 kohm
0
10
20
30
40
50
60
0
10
2030
4050
6070
R
PROG [kohm]
V
EN=VCC=5 V, CIN=1 µF, VLED=3 V, T= -40 °C to 85 °C
0
10
20
30
40
50
60
0
10
2030
4050
6070
R
PROG [kohm]
V
EN=VCC=5 V, CIN=1 µF, VLED=3 V, T= -40 °C to 85 °C
0
100
200
300
400
500
600
700
800
-50
-25
0
25
50
75
100
T [°C]
R
PROG=2.4 kohm
R
PROG=6.2 kohm
R
PROG=12.4 kohm
V
EN=VCC=5 V, CIN=1 µF, VLED=3 V
0
100
200
300
400
500
600
700
800
-50
-25
0
25
50
75
100
T [°C]
R
PROG=2.4 kohm
R
PROG=6.2 kohm
R
PROG=12.4 kohm
V
EN=VCC=5 V, CIN=1 µF, VLED=3 V
0
100
200
300
400
500
600
0
102030405060
R
PROG [kohm]
V
EN=VCC=5 V, CIN=1 µF, VLED=3 V, T= -40 °C to 85 °C
0
100
200
300
400
500
600
0
102030405060
R
PROG [kohm]
V
EN=VCC=5 V, CIN=1 µF, VLED=3 V, T= -40 °C to 85 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com