Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLA01 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STLA01
Description  50 mA stand-alone linear LED driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLA01 Datasheet(HTML) 1 Page - STMicroelectronics

  STLA01 Datasheet HTML 1Page - STMicroelectronics STLA01 Datasheet HTML 2Page - STMicroelectronics STLA01 Datasheet HTML 3Page - STMicroelectronics STLA01 Datasheet HTML 4Page - STMicroelectronics STLA01 Datasheet HTML 5Page - STMicroelectronics STLA01 Datasheet HTML 6Page - STMicroelectronics STLA01 Datasheet HTML 7Page - STMicroelectronics STLA01 Datasheet HTML 8Page - STMicroelectronics STLA01 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
November 2007
Rev 1
1/16
18
STLA01
50 mA stand-alone linear
LED driver
Features
Programmable LED current up to 50 mA with
±
5% accuracy
No external sense resistor
Constant current source
Supply voltage range from 3.75 V to 6 V
Single LED
10 µA max supply current in shutdown mode
DFN6 (2 x 2 mm) package
Description
The STLA01 is a constant current LED driver.
No external sense resistor is required and the
DFN6 2 x 2 mm package makes it ideal for
portable applications.
The LED current limitation can be programmed
using a single resistor connected between the
PROG pin and GND. Using the enable pin the
device can be put into shutdown mode, reducing
the supply current to less than 10 µA.
DFN6 (2 x 2 mm)
Table 1.
Device summary
Part number
Order code
Package
STLA01
STLA01PUR
DFN6 (2x2 mm)
www.st.com


Similar Part No. - STLA01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLA02 STMICROELECTRONICS-STLA02 Datasheet
732Kb / 23P
White LED driver for display backlight
February 2011 Rev 1
STLA02PUR STMICROELECTRONICS-STLA02PUR Datasheet
732Kb / 23P
White LED driver for display backlight
February 2011 Rev 1
More results

Similar Description - STLA01

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA8514 PHILIPS-PCA8514 Datasheet
322Kb / 64P
Stand-alone OSD
1995 Nov 27
PCA8515 PHILIPS-PCA8515 Datasheet
405Kb / 64P
Stand-alone OSD
1995 Jan 19
PCA8516 PHILIPS-PCA8516 Datasheet
403Kb / 64P
Stand-alone OSD
1995 Mar 30
logo
ATMEL Corporation
ATA5277 ATMEL-ATA5277 Datasheet
330Kb / 20P
STAND-ALONE ANTENNA DRIVER
ATA5278 ATMEL-ATA5278 Datasheet
484Kb / 33P
STAND-ALONE ANTENNA DRIVER
logo
Altera Corporation
EPS448 ALTERA-EPS448 Datasheet
1Mb / 17P
STAND-ALONE MICROSEQUENCER
logo
ATMEL Corporation
ATA5278 ATMEL-ATA5278_06 Datasheet
602Kb / 34P
Stand-alone Antenna Driver
logo
VTI technologies
SCA121T VTI-SCA121T Datasheet
186Kb / 2P
Stand Alone Inclinometer
logo
ATMEL Corporation
ATA5278 ATMEL-ATA5278_07 Datasheet
603Kb / 34P
Stand-alone Antenna Driver
AT89STK-11 ATMEL-AT89STK-11 Datasheet
874Kb / 23P
Stand-alone Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com