Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP24DP05BTR Datasheet(PDF) 7 Page - STMicroelectronics

Part # STP24DP05BTR
Description  24-bit constant current LED sink driver with output error detection
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP24DP05BTR Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STP24DP05BTR Datasheet HTML 3Page - STMicroelectronics STP24DP05BTR Datasheet HTML 4Page - STMicroelectronics STP24DP05BTR Datasheet HTML 5Page - STMicroelectronics STP24DP05BTR Datasheet HTML 6Page - STMicroelectronics STP24DP05BTR Datasheet HTML 7Page - STMicroelectronics STP24DP05BTR Datasheet HTML 8Page - STMicroelectronics STP24DP05BTR Datasheet HTML 9Page - STMicroelectronics STP24DP05BTR Datasheet HTML 10Page - STMicroelectronics STP24DP05BTR Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
STP24DP05
Electrical characteristics
7/26
3
Electrical characteristics
Table 7.
Electrical characteristics
(VDD = 3.3 V to 5 V, T = 25 °C, unless otherwise specified.)
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
VIH
Input voltage high level
0.7VDD
VDD
V
VIL
Input voltage low level
GND
0.3VDD
V
IOH
Output leakage current
VOH = 20 V
10
µA
VOL
Output voltage
(Serial-OUT)
IOL = 1 mA
0.4
V
VOH
Output voltage
(Serial-OUT)
IOH = -1 mA
VDD-0.4V
V
IOL1
Output current
VO = 0.3 V, REXT = 2 kΩ,
IO = 10 mA
20
mA
IOL2
VO = 0.3 V, REXT = 1 kΩ,
IO = 20 mA
80
mA
IOL3
VO = 0.3V, REXT = 250 Ω,
IO = 80 mA
80
mA
∆I
OL1
Output current error among
the channels
(All outputs ON)
VO = 0.3 V, REXT = 2 kΩ,
IO = 10 mA
± 2
± 3
%
∆I
OL2
VO = 0.3 V, REXT = 1 kΩ,
IO = 20 mA
± 2
± 3
%
∆I
OL3
VO = 0.3V, REXT = 250 Ω,
IO = 80 mA
± 2
± 3
%
RSIN(up)
Pull-up resistor
300
600
800
k
Ω
RSIN(down)
Pull-down resistor
300
400
500
k
Ω
LE(up)
DG(up)
OE-R\
DM (up)
OE-G (up)
OE-B (up)
DF0
DF1
Pull-up resistor
300
400
500
k
Ω
IDD(OFF1)
Supply current (OFF)
REXT = 1 kΩ
OUT 0 to 15 = OFF
912
mA
IDD(OFF2)
REXT = 250 Ω
OUT 0 to 15 = OFF
32
40
IDD(ON1)
Supply current (ON)
REXT = 1 kΩ
OUT 0 to 15 = ON
13
18
IDD(ON2)
REXT = 250 Ω
OUT 0 to 15 = ON
35
40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com