Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP24DP05BTR Datasheet(PDF) 8 Page - STMicroelectronics

Part # STP24DP05BTR
Description  24-bit constant current LED sink driver with output error detection
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP24DP05BTR Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STP24DP05BTR Datasheet HTML 4Page - STMicroelectronics STP24DP05BTR Datasheet HTML 5Page - STMicroelectronics STP24DP05BTR Datasheet HTML 6Page - STMicroelectronics STP24DP05BTR Datasheet HTML 7Page - STMicroelectronics STP24DP05BTR Datasheet HTML 8Page - STMicroelectronics STP24DP05BTR Datasheet HTML 9Page - STMicroelectronics STP24DP05BTR Datasheet HTML 10Page - STMicroelectronics STP24DP05BTR Datasheet HTML 11Page - STMicroelectronics STP24DP05BTR Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
Electrical characteristics
STP24DP05
8/26
Thermal
Thermal protection
170
°C
VTF
Output voltage
5
V
ITF
Output current
VTF @ 1 V
20
mA
VEF
Output voltage
5
V
IEF
Output current
VEF @ 1 V
20
mA
Table 7.
Electrical characteristics
(VDD = 3.3 V to 5 V, T = 25 °C, unless otherwise specified.)
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
Table 8.
Switching characteristics (VDD = 5 V, T = 25 °C, unless otherwise specified.)
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
tPLH1
Propagation delay time,
CLK-OUTn, LE = H, OE = L
VDD = 3.3 V
VIH = VDD
VIL = GND
CL = 10 pF
IO = 20 mA
VL = 3.0 V
REXT = 1 kΩ
RL = 60 Ω
VDD = 3.3 V
62
100
ns
VDD = 5 V
38
60
tPLH2
Propagation delay time,
LE-OUTn, OE = L
VDD = 3.3 V
67
107
ns
VDD = 5 V
44
60
tPLH3
Propagation delay time,
OE-OUTn, LE = H
VDD = 3.3 V
65
83
ns
VDD = 5 V
38
45
tPLH
Propagation delay time,
CLK-SDO
VDD = 3.3 V
14
22
36
ns
VDD = 5 V
9
14
23
tPHL1
Propagation delay time,
CLK-OUTn, LE = H,
OE = L
VDD = 3.3 V
46
70
ns
VDD = 5 V
39
50
tPHL2
Propagation delay time,
LE-OUTn, OE = L
VDD = 3.3 V
51
76
ns
VDD = 5 V
46
55
tPHL3
Propagation delay time,
OE-OUTn, LE = H
VDD = 3.3 V
41
45
ns
VDD = 5 V
33
39
tPHL
Propagation delay time,
CLK-SDO
VDD = 3.3 V
15
24
38
ns
VDD = 5 V
9
15
24
tON
Output rise time
10~90% of voltage
waveform
VDD = 3.3 V
33
57
ns
VDD = 5 V
17
27
tOFF
Output fall time
90~10% of voltage
waveform
VDD = 3.3 V
24
34
ns
VDD = 5 V
25
37
tr
CLK rise time (1)
5000
ns
tf
CLK fall time (1)
5000
ns
1.
In order to achieve high cascade data transfer, please consider tr/tf timings carefully.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com