Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP24DP05BTR Datasheet(PDF) 21 Page - STMicroelectronics

Part # STP24DP05BTR
Description  24-bit constant current LED sink driver with output error detection
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP24DP05BTR Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STP24DP05BTR Datasheet HTML 17Page - STMicroelectronics STP24DP05BTR Datasheet HTML 18Page - STMicroelectronics STP24DP05BTR Datasheet HTML 19Page - STMicroelectronics STP24DP05BTR Datasheet HTML 20Page - STMicroelectronics STP24DP05BTR Datasheet HTML 21Page - STMicroelectronics STP24DP05BTR Datasheet HTML 22Page - STMicroelectronics STP24DP05BTR Datasheet HTML 23Page - STMicroelectronics STP24DP05BTR Datasheet HTML 24Page - STMicroelectronics STP24DP05BTR Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
STP24DP05
Typical characteristics
21/26
9
Typical characteristics
Figure 18. Typical external resistor values vs output current capabilities
Figure 19. Typical dropout voltage vs output current
Table 15.
Typical external resistor values vs output current capabilities
Iset
5 mA
10 mA
20 mA
50 mA
80 mA
Rext (
Ω)
4210
2050
1000
400
249
Table 16.
Typical dropout voltage vs output current
Iset
Rext (
Ω)
Avg (mV) @ 3.3 V
Avg (mV) @ 5.0 V
5
4210
59
41
10
2050
130
90
20
1000
201
180
50
400
500
480
80
249
810
790
0
500
1000
1500
2000
2500
3000
3500
4000
4500
0
10203040
506070
80
90
Output Current (mA)
Temp. = 25°C
Vdd = 5.0V
Iset = 5mA; 10mA; 20mA; 50mA; 80mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com