Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP24DP05BTR Datasheet(PDF) 1 Page - STMicroelectronics

Part # STP24DP05BTR
Description  24-bit constant current LED sink driver with output error detection
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP24DP05BTR Datasheet(HTML) 1 Page - STMicroelectronics

  STP24DP05BTR Datasheet HTML 1Page - STMicroelectronics STP24DP05BTR Datasheet HTML 2Page - STMicroelectronics STP24DP05BTR Datasheet HTML 3Page - STMicroelectronics STP24DP05BTR Datasheet HTML 4Page - STMicroelectronics STP24DP05BTR Datasheet HTML 5Page - STMicroelectronics STP24DP05BTR Datasheet HTML 6Page - STMicroelectronics STP24DP05BTR Datasheet HTML 7Page - STMicroelectronics STP24DP05BTR Datasheet HTML 8Page - STMicroelectronics STP24DP05BTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
May 2008
Rev 1
1/26
26
Features
■ Low voltage power supply down to 3 V
■ 8 x 3 constant current output channels
■ Adjustable output current through external
resistors
■ Short and open output error detection
■ Serial data IN/Parallel data OUT
■ Shift register data flow registers control
■ Accepts 3.3 V and 5 V micro driver
■ Output current: 5-80 mA
■ 25 MHz clock frequency
■ High thermal efficiency package
Description
The STP24DP05 is a monolithic, low voltage, low
current power 24-bit shift register designed for
LED panel displays. The device contains a
8 x 3-bit serial-in, parallel-out shift register that
feeds a 8 x 3-bit D-type storage register. In the
output stage, twenty-four regulated current
sources were designed to provide 5-80 mA
constant current to drive the LEDs.
The 8x3 shift registers data flow sequence order
can be managed with two dedicated pins.
The STP24DP05 has a dedicated pin to activate
the outputs with a sequential delay, that will
prevent inrush current during outputs turn-ON.
The device detection circuit checks 3 different
conditions that can occur on the output line: short
to GND, short to VO or open line.
The data detection results are loaded in the shift
registers and shifted out via the serial line output.
The detection functionality is activated with a
dedicated pin or as alternative, through a logic
sequence that allows the user to enter or exit from
detection mode.
Through three external resistors, users can adjust
the output current for each 8-channel group,
controlling in this way the light intensity of LEDs.
The STP24DP05 guarantees a 20 V output
driving capability, allowing users to connect more
LEDs in series.
The high clock frequency, 25 MHz, makes the
device suitable for high data rate transmission.
The 3.3 V of voltage supply is useful for
applications that interface any micro from 3.3 V.
TQFP48
Table 1.
Device summary
Order code
Package
Packaging
STP24DP05BTR
TQFP48
Tape and reel
STP24DP05
24-bit constant current
LED sink driver with output error detection
www.st.com


Similar Part No. - STP24DP05BTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP240N10F7 STMICROELECTRONICS-STP240N10F7 Datasheet
622Kb / 13P
Ultra low on-resistance
14-Jul-2014
logo
Inchange Semiconductor ...
STP240N10F7 ISC-STP240N10F7 Datasheet
320Kb / 2P
isc N-Channel MOSFET Transistor
logo
SHENZHEN DOINGTER SEMIC...
STP240N10F7 DOINGTER-STP240N10F7 Datasheet
1Mb / 5P
N-Channel MOSFET uses advanced SGT technology
logo
STMicroelectronics
STP24N60DM2 STMICROELECTRONICS-STP24N60DM2 Datasheet
1Mb / 21P
N-channel 600 V, 0.175 (ohm) typ., 18 A FDmesh II Plus low Qg Power MOSFETs in D2PAK, TO-220 and TO-247 packages
03-Mar-2014
STP24N60M2 STMICROELECTRONICS-STP24N60M2 Datasheet
1Mb / 22P
N-channel 600 V, 0.168 Ω typ., 18 A MDmesh II Plus??low Qg Power MOSFET in D2PAK, I2PAK, TO-220 and TO-247 packages
28-May-2013
More results

Similar Description - STP24DP05BTR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MBI5027 ETC-MBI5027 Datasheet
450Kb / 24P
16 BIT CONSTANT CURRENT LED SINK DRIVER WITH ERROR DETECTION
MBI5169 ETC-MBI5169 Datasheet
1Mb / 19P
8 bit CONSTANT CURRENT LED SINK DRIVER WITH ERROR DETECTION
MBI5029 ETC1-MBI5029 Datasheet
702Kb / 31P
16-Bit Constant Current LED Sink Driver with Error Detection and Current Adjust
logo
STMicroelectronics
STP16DP05 STMICROELECTRONICS-STP16DP05 Datasheet
598Kb / 28P
Low voltage 16-bit constant current LED sink driver with outputs error detection
10-Jul-2007
STP16DP05 STMICROELECTRONICS-STP16DP05_08 Datasheet
671Kb / 29P
Low voltage 16-bit constant current LED sink driver with outputs error detection
28-Feb-2008
logo
Silicon Touch Technolog...
DM11C SITI-DM11C Datasheet
668Kb / 34P
8-bit Constant Current LED Driver with Error Detection
logo
NXP Semiconductors
PCA9922 NXP-PCA9922 Datasheet
144Kb / 26P
8-channel constant current LED driver with output error detection
Rev. 01-15 January 2009
logo
STMicroelectronics
STP16DPS05 STMICROELECTRONICS-STP16DPS05 Datasheet
1Mb / 34P
Low voltage 16-bit constant current LED Sink driver with outputs error detection
22-Jan-2010
logo
NXP Semiconductors
PCA9922 NXP-PCA9922_11 Datasheet
255Kb / 27P
8-channel constant current LED driver with output error detection
Rev. 2-6 April 2011
logo
STMicroelectronics
STP16DPP05 STMICROELECTRONICS-STP16DPP05 Datasheet
1Mb / 34P
Low voltage 16-bit constant current LED sink driver with output error detection
April 2017 Rev 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com