Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP24DP05BTR Datasheet(PDF) 15 Page - STMicroelectronics

Part # STP24DP05BTR
Description  24-bit constant current LED sink driver with output error detection
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP24DP05BTR Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STP24DP05BTR Datasheet HTML 11Page - STMicroelectronics STP24DP05BTR Datasheet HTML 12Page - STMicroelectronics STP24DP05BTR Datasheet HTML 13Page - STMicroelectronics STP24DP05BTR Datasheet HTML 14Page - STMicroelectronics STP24DP05BTR Datasheet HTML 15Page - STMicroelectronics STP24DP05BTR Datasheet HTML 16Page - STMicroelectronics STP24DP05BTR Datasheet HTML 17Page - STMicroelectronics STP24DP05BTR Datasheet HTML 18Page - STMicroelectronics STP24DP05BTR Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
STP24DP05
Feature description
15/26
7
Feature description
7.1
DG: gradual outputs delay
This feature prevents large inrush current and reduces the bypass capacitors.
The fixed delay time can be activated with DG = LOW and the typical output delay is 20 ns
for each group of 8 outputs R, G, B. Eg: R1, G1, B1 has no delay, R2, G2, B2 has 20 ns
delay and R3, G3, B3, has 40 ns delay, etc.
7.2
Error detection condition
Note:
IO = the output current programmed by the REXT
IODEC = the detected output current in detection mode
Table 9.
Typical gradual delay time table
Delay time (ns) from ↓OExx
R1
G1
B1
R2
G2
B2
R3
G3
B3
R4
G4
B4
R5
G5
B5
R6
G6
B6
R7
G7
B7
R8
G8
B8
DG = 0
0
30
60
90
120
150
180
200
DG = 1
0
0
00000
Table 10.
Detection conditions (VDD = 3.3 to 5 V, IO = 20 mA, tA = 25 °C)
SW-1 Open
or SW-3b
Open line or output short
to GND detected
=> IODEC ≤ 0.4 x IO
No error
detected
=> IODEC ≥ 0.35 x IO
SW-2
Closed or
SW-3a
Short on LED or short to
V-LED detected
=> VO ≥ 2.6 V
No error
detected
=> VO ≤ 2.4 V
Table 11.
Typical current threshold values to detect LED open line
Iset (mA)
Rext (
Ω)
Typ. out current detection (mA)
5
3920
1.28
10
1960
2.45
20
980
7.4
50
386
17
80
241
27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com