Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS5L60 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STPS5L60
Description  Power Schottky rectifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS5L60 Datasheet(HTML) 6 Page - STMicroelectronics

  STPS5L60_08 Datasheet HTML 1Page - STMicroelectronics STPS5L60_08 Datasheet HTML 2Page - STMicroelectronics STPS5L60_08 Datasheet HTML 3Page - STMicroelectronics STPS5L60_08 Datasheet HTML 4Page - STMicroelectronics STPS5L60_08 Datasheet HTML 5Page - STMicroelectronics STPS5L60_08 Datasheet HTML 6Page - STMicroelectronics STPS5L60_08 Datasheet HTML 7Page - STMicroelectronics STPS5L60_08 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Package information
STPS5L60
6/8
2
Package information
●
Epoxy meets UL94, V0
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a lead-free second level interconnect. The category of
second level interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at www.st.com.
Figure 16.
Footprint, dimensions in mm (inches)
Table 5.
SMC dimensions
Ref.
Dimensions
Millimeters
Inches
Min.
Max.
Min.
Max.
A1
1.90
2.45
0.075
0.096
A2
0.05
0.20
0.002
0.008
b(1)
1.
Dimensions b and c apply to plated leads
2.90
3.20
0.114
0.126
c(1)
0.15
0.40
0.006
0.016
D
5.55
6.25
0.218
0.246
E
7.75
8.15
0.305
0.321
E1
6.60
7.15
0.260
0.281
E2
4.40
4.70
0.173
0.185
L
0.75
1.50
0.030
0.059
E
C
L
E2
E1
D
A1
A2
b
8.19
1.54
5.11
1.54
(0.061)
(0.201)
(0.322)
(0.124)
(0.061)
3.14



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com