Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS5L60 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPS5L60
Description  Power Schottky rectifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS5L60 Datasheet(HTML) 1 Page - STMicroelectronics

  STPS5L60_08 Datasheet HTML 1Page - STMicroelectronics STPS5L60_08 Datasheet HTML 2Page - STMicroelectronics STPS5L60_08 Datasheet HTML 3Page - STMicroelectronics STPS5L60_08 Datasheet HTML 4Page - STMicroelectronics STPS5L60_08 Datasheet HTML 5Page - STMicroelectronics STPS5L60_08 Datasheet HTML 6Page - STMicroelectronics STPS5L60_08 Datasheet HTML 7Page - STMicroelectronics STPS5L60_08 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
May 2008
Rev 3
1/8
8
STPS5L60
Power Schottky rectifier
Features
●
Negligible switching losses
●
Low forward voltage drop for higher
efficiency
●
Low thermal resistance
●
Avalanche capability specified
Description
Power Schottky rectifier suited for switch mode
power supplies and high frequency inverters.
This device is intended for use in low voltage
output for small battery chargers and consumer
SMPS such as DVD and set-top-box.
Table 1.
Device summary
IF(AV)
5 A
VRRM
60 V
Tj (max)
150 °C
VF (max)
0.53 V
K
A
K
A
DO-201AD
STPS5L60
SMC
STPS5L60S
www.st.com


Similar Part No. - STPS5L60_08

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS5L60-Y STMICROELECTRONICS-STPS5L60-Y Datasheet
187Kb / 7P
Automotive power Schottky rectifier
29-Mar-2012
STPS5L60-Y STMICROELECTRONICS-STPS5L60-Y Datasheet
187Kb / 7P
Automotive power Schottky rectifier
29-Mar-2012
STPS5L60L STMICROELECTRONICS-STPS5L60L Datasheet
479Kb / 16P
5 A - 60 V power Schottky rectifier
31-Jan-2020
STPS5L60RL STMICROELECTRONICS-STPS5L60RL Datasheet
47Kb / 5P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS5L60RL STMICROELECTRONICS-STPS5L60RL Datasheet
479Kb / 16P
5 A - 60 V power Schottky rectifier
31-Jan-2020
More results

Similar Description - STPS5L60_08

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS1045D STMICROELECTRONICS-STPS1045D Datasheet
87Kb / 5P
POWER SCHOTTKY RECTIFIER
Sep-1999
STPS140A STMICROELECTRONICS-STPS140A Datasheet
75Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-1998
STPS140Z STMICROELECTRONICS-STPS140Z Datasheet
53Kb / 5P
POWER SCHOTTKY RECTIFIER
May-1999
STPS1L60 STMICROELECTRONICS-STPS1L60 Datasheet
65Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS2L60 STMICROELECTRONICS-STPS2L60 Datasheet
65Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS3L60 STMICROELECTRONICS-STPS3L60 Datasheet
69Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS41L60CG STMICROELECTRONICS-STPS41L60CG Datasheet
100Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS640CT STMICROELECTRONICS-STPS640CT Datasheet
75Kb / 6P
POWER SCHOTTKY RECTIFIER
Aug-1999
STPS1645D STMICROELECTRONICS-STPS1645D Datasheet
47Kb / 4P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS30M60S STMICROELECTRONICS-STPS30M60S Datasheet
178Kb / 9P
Power Schottky rectifier
14-Oct-2011
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com