Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS5L60 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STPS5L60
Description  Power Schottky rectifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS5L60 Datasheet(HTML) 2 Page - STMicroelectronics

  STPS5L60_08 Datasheet HTML 1Page - STMicroelectronics STPS5L60_08 Datasheet HTML 2Page - STMicroelectronics STPS5L60_08 Datasheet HTML 3Page - STMicroelectronics STPS5L60_08 Datasheet HTML 4Page - STMicroelectronics STPS5L60_08 Datasheet HTML 5Page - STMicroelectronics STPS5L60_08 Datasheet HTML 6Page - STMicroelectronics STPS5L60_08 Datasheet HTML 7Page - STMicroelectronics STPS5L60_08 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Characteristics
STPS5L60
2/8
1
Characteristics
To evaluate the conduction losses use the following equation :
P = 0.39 x IF(AV) + 0.028x IF
2
(RMS)
Table 2.
Absolute ratings (limiting values)
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
60
V
IF(RMS)
RMS forward current
15
A
IF(AV)
Average forward current
DO-201AD
Tl = 100 °C δ = 0.5
5A
SMC
Tl = 100 °C δ = 0.5
IFSM
Surge non repetitive forward
current
Half wave, single phase
tp = 10 ms
150
A
PARM
Repetitive peak avalanche power
tp = 1 µs Tj = 25 °C
4000
W
Tstg
Storage temperature range
-65 to + 175
°C
Tj
Maximum operating junction temperature(1)
150
°C
dV/dt
Critical rate of rise of reverse voltage (rated VR, Tj = 25 °C)
10000
V/µs
1.
condition to avoid thermal runaway for a diode on its own heatsink
dPtot
dTj
---------------
1
Rth j
a
–
()
--------------------------
<
Table 3.
Thermal parameters
Symbol
Parameter
Value
Unit
Rth (j-a)
Junction to ambient
DO-201AD
75
°C/W
Rth (j-l)
Junction to leads
Lead length = 10mm
15
Rth (j-l)
Junction to leads
SMC
15
Table 4.
Static electrical characteristics
Symbol
Parameter
Tests conditions
Min.
Typ.
Max.
Unit
IR
(1)
Reverse leakage current
Tj = 25 °C
VR = VRRM
0.22
mA
Tj = 100 °C
10
25
Tj = 125 °C
40
100
VF
(1)
Forward voltage drop
Tj = 25 °C
IF = 5 A
0.47
0.52
V
Tj = 100 °C
0.43
0.49
Tj = 125 °C
0.42
0.48
1.
Pulse test : tp = 380 µs,
δ < 2%



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com