Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS5L60 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STPS5L60
Description  Power Schottky rectifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS5L60 Datasheet(HTML) 5 Page - STMicroelectronics

  STPS5L60_08 Datasheet HTML 1Page - STMicroelectronics STPS5L60_08 Datasheet HTML 2Page - STMicroelectronics STPS5L60_08 Datasheet HTML 3Page - STMicroelectronics STPS5L60_08 Datasheet HTML 4Page - STMicroelectronics STPS5L60_08 Datasheet HTML 5Page - STMicroelectronics STPS5L60_08 Datasheet HTML 6Page - STMicroelectronics STPS5L60_08 Datasheet HTML 7Page - STMicroelectronics STPS5L60_08 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
STPS5L60
Characteristics
5/8
Figure 15.
Thermal resistances versus leads length DO-201AD
Figure 11.
Forward voltage drop versus
forward current (low level)
Figure 12.
Forward voltage drop versus
forward current (high level)
IFM(A)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
0.55
0.60
Tj=25°C
(Maximum values)
Tj=125°C
(Maximum values)
Tj=125°C
(Maximum values)
Tj=125°C
(Typical values)
Tj=125°C
(Typical values)
VFM(V)
IFM(A)
0
5
10
15
20
25
30
35
40
45
50
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
Tj=25°C
(Maximum values)
Tj=125°C
(Maximum values)
Tj=125°C
(Maximum values)
Tj=125°C
(Typical values)
Tj=125°C
(Typical values)
VFM(V)
Figure 13.
Thermal resistance junction to
ambient versus copper surface
under each lead (epoxy printed
board FR4, Cu = 35 µm) SMC
Figure 14.
Thermal resistance junction to
ambient versus copper surface
under each lead (epoxy printed
board FR4, Cu = 35 µm), DO-201AD
R
(°C/W)
th(j-a)
0
10
20
30
40
50
60
70
80
90
100
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
SMC
S
(cm²)
CU
Rth(j-a)(°C/W)
0
10
20
30
40
50
60
70
80
01
2345
678
9
10
DO-201AD
S(cm²)
0
10
20
30
40
50
60
70
80
510
15
20
25
Lleads(cm)
Rth(j-a): Epoxy printed circuit board FR4 (Cu=35µm)
Rth(j-l)
Rth(°C/W)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com