Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS5L60 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STPS5L60
Description  Power Schottky rectifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS5L60 Datasheet(HTML) 3 Page - STMicroelectronics

  STPS5L60_08 Datasheet HTML 1Page - STMicroelectronics STPS5L60_08 Datasheet HTML 2Page - STMicroelectronics STPS5L60_08 Datasheet HTML 3Page - STMicroelectronics STPS5L60_08 Datasheet HTML 4Page - STMicroelectronics STPS5L60_08 Datasheet HTML 5Page - STMicroelectronics STPS5L60_08 Datasheet HTML 6Page - STMicroelectronics STPS5L60_08 Datasheet HTML 7Page - STMicroelectronics STPS5L60_08 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
STPS5L60
Characteristics
3/8
Figure 1.
Conduction losses versus average
current
Figure 2.
Average forward current versus
ambient temperature (
δ = 0.5)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
IF(av)(A)
PF(av)(W)
δ = 0.05
δ = 0.1
δ = 0.2
δ = 0.5
δ = 1
T
δ=tp/T
tp
IF(av)(A)
0
1
2
3
4
5
6
0
25
50
75
100
125
150
Rth(j-a)=Rth(j-l)
DO-201AD
Rth(j-a)=75°C/W
T
δ=tp/T
tp
SMC
Rth(j-a)=90°C/W
Tamb(°C)
Figure 3.
Normalized avalanche power
derating versus pulse duration
Figure 4.
Normalized avalanche power
derating versus junction
temperature
0.001
0.01
0.1
0.01
1
0.1
10
100
1000
1
t (µs)
p
P(t )
P
(1µs)
ARM p
ARM
0
1
25
50
75
100
125
150
P(t )
P
(25°C)
ARM
j
ARM
T (°C)
j
Figure 5.
Non repetitive surge peak forward
current versus overload duration
(maximum values) DO-201AD
Figure 6.
Non repetitive surge peak forward
current versus overload duration
(maximum values) SMC
IM(A)
0
2
4
6
8
10
12
14
16
1.E-03
1.E-02
1.E-01
1.E+00
Ta=25 °C
Ta=75 °C
Ta=125 °C
IM
t
δ =0.5
DO-201AD
t(s)
0
2
4
6
8
10
12
14
1.E-03
1.E-02
1.E-01
1.E+00
Ta=25 °C
Ta=75 °C
Ta=125 °C
IM
t
δ =0.5
SMC
IM(A)
t(s)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com