Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THBT15011 Datasheet(PDF) 1 Page - STMicroelectronics

Part # THBT15011
Description  Tripolar overvoltage protection for telecom line
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

THBT15011 Datasheet(HTML) 1 Page - STMicroelectronics

  THBT15011 Datasheet HTML 1Page - STMicroelectronics THBT15011 Datasheet HTML 2Page - STMicroelectronics THBT15011 Datasheet HTML 3Page - STMicroelectronics THBT15011 Datasheet HTML 4Page - STMicroelectronics THBT15011 Datasheet HTML 5Page - STMicroelectronics THBT15011 Datasheet HTML 6Page - STMicroelectronics THBT15011 Datasheet HTML 7Page - STMicroelectronics THBT15011 Datasheet HTML 8Page - STMicroelectronics THBT15011 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
February 2008
Rev 8
1/10
10
THBT15011, THBT20011, THBT27011
Tripolar overvoltage protection for telecom line
Features
■ Bidirectional crowbar protection between tip
and gnd, ring and gnd and between tip and ring
■ Peak pulse current:
IPP = 30 A for 10/1000 µs surge
■ Holding current: IH = 150 mA
Complies with Telcordia standards
■ Telcordia GR-1089-Core, (second level) with
line series resistors
– 10/1000 µs, 1000 V
– 2/10 µs, 2500 V (first level)
– 2/10 µs, 5000 V
Description
Dedicated to telecommunication equipment
protection, these devices provide a triple
bidirectional protection function.
They ensure the same protection capability with
the same breakdown voltage both in longitudinal
mode and transversal mode.
A particular attention has been given to the
internal wire bonding. The “4-point” configuration
ensures a reliable protection, eliminating
overvoltages introduced by the parasitic
inductances of the wiring (Ldi/dt), especially for
very fast transient overvoltages.
Dynamic characteristics have been defined for
several types of surges, in order to meet the SLIC
maximum ratings.
Figure 1.
Schematic diagram
SO-8
2
GND
3
GND
1
TIP
4
RING
7 GND
6 GND
8 TIP
5 RING
www.st.com


Similar Part No. - THBT15011

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
THBT15011D STMICROELECTRONICS-THBT15011D Datasheet
345Kb / 9P
TRIPOLAR OVERVOLTAGE PROTECTION FOR TELECOM LINE
Oct-2003
THBT15011DRL STMICROELECTRONICS-THBT15011DRL Datasheet
345Kb / 9P
TRIPOLAR OVERVOLTAGE PROTECTION FOR TELECOM LINE
Oct-2003
More results

Similar Description - THBT15011

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
CLP200M STMICROELECTRONICS-CLP200M Datasheet
232Kb / 21P
OVERVOLTAGE AND OVERCURRENT PROTECTION FOR TELECOM LINE
Feb-1998
LCP3121 STMICROELECTRONICS-LCP3121 Datasheet
70Kb / 6P
OVERVOLTAGE AND OVERCURRENT PROTECTION FOR TELECOM LINE
Apr-2003
SSRP130B1 STMICROELECTRONICS-SSRP130B1 Datasheet
58Kb / 7P
DUAL ASYMMETRICAL OVERVOLTAGE PROTECTION FOR TELECOM LINE
Jul-1998
THBT7011D STMICROELECTRONICS-THBT7011D Datasheet
54Kb / 8P
DUAL OVERVOLTAGE PROTECTION FOR TELECOM LINE
Jan-1999
THBTXXX11D STMICROELECTRONICS-THBTXXX11D Datasheet
345Kb / 9P
TRIPOLAR OVERVOLTAGE PROTECTION FOR TELECOM LINE
Oct-2003
TLPXXM STMICROELECTRONICS-TLPXXM Datasheet
157Kb / 14P
TRIPOLAR OVERVOLTAGE PROTECTION for TELECOM LINE
Sep-1998
TPN3021 STMICROELECTRONICS-TPN3021 Datasheet
46Kb / 4P
TRIPOLAR OVERVOLTAGE PROTECTION FOR NETWORK INTERFACES
Feb-1998
CLP30-200B1 STMICROELECTRONICS-CLP30-200B1 Datasheet
138Kb / 11P
OVERVOLTAGE & OVERCURRENT PROTECTION FOR TELECOM LINE
July 1999 - Ed: 4
logo
Microsemi Corporation
TCP020E MICROSEMI-TCP020E Datasheet
259Kb / 5P
Tripolar Overvoltage Protection For Network Interfaces
logo
Socay Electornics Co., ...
LT3021 SOCAY-LT3021 Datasheet
161Kb / 2P
Tripolar Overvoltage Protection for Network Interfaces
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com