Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THBT15011 Datasheet(PDF) 5 Page - STMicroelectronics

Part # THBT15011
Description  Tripolar overvoltage protection for telecom line
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

THBT15011 Datasheet(HTML) 5 Page - STMicroelectronics

  THBT15011 Datasheet HTML 1Page - STMicroelectronics THBT15011 Datasheet HTML 2Page - STMicroelectronics THBT15011 Datasheet HTML 3Page - STMicroelectronics THBT15011 Datasheet HTML 4Page - STMicroelectronics THBT15011 Datasheet HTML 5Page - STMicroelectronics THBT15011 Datasheet HTML 6Page - STMicroelectronics THBT15011 Datasheet HTML 7Page - STMicroelectronics THBT15011 Datasheet HTML 8Page - STMicroelectronics THBT15011 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
THBT15011, THBT20011, THBT27011
Characteristics
5/10
Figure 5.
Test circuit 2 for IH parameter
Figure 6.
Test circuit 3 for VBO parameters
TEST PROCEDURE
1/ Adjust the current level at the I value by short circuiting the AK of the D.U.T.
2/ Fire the D.U.T. with a surge current
H
➔ I= 10 A,10/1000 µs.
3/ The D.U.T. will come back off-state within 50 ms maximum.
PP
This is a GO - NO GO test which allows confirmation of the holding current (I ) level in a
functional test circuit.
H
R
V
BAT = - 48 V
Surge generator
D.U.T
CC
R
R
TIP
RING
GND
VP
4
3
2
R2
R1
L
1
(V is defined in no load condition)
P
Table 6.
Parameters for selected pulse characteristics
Pulse (µs)
Vp
(V)
C1
(µF)
C2
(nF)
L
(µH)
R1
(
Ω)
R2
(
Ω)
R3
(
Ω)
R4
(
Ω)
IPP
(A)
Rp
(
Ω)
tr
tp
10
700
1500
20
200
0
50
15
25
25
30
10
1.2
50
1500
1
33
0
7613
2525
3010
2
10250010
0
1.1
1.3
0
3
3
38
62



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com